Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S501-2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S501-2-R
Description  5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S501-2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S501-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S501-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast acting
• Optional axial leads available
• 5mm x 20mm physical size
• Ceramic tube, nickel brass endcap construction
• Designed to IEC 60127-2
• RoHS Compliant version available (-R option)
(all amperages except 400mA, 630mA 1A, 1.25A, 1.6A)
Ordering
• Specify product code, option code and packaging code
• For -R option, drop mA or A from product code
(i.e. S501-2-R)
Agency Information
• UL Recognized Card: (50mA and 315mA-10A) Guide
JDYX2, File E19180
• Semko Approval 50mA, 160mA-10A
• VDE Approval 1.25A-10A
• IMQ Approval 50mA, and 2A-10A
• Ratings above 6.3A have a 0.8mm diameter lead
Dimensions
Drawing Not to Scale
SPECIFICATIONS
Voltage
Interrupting Rating
Typical
Typical
Product Code
Rating
at Rated Voltage
Melting I2t (A2Sec)
Voltage
AC
AC
AC
Drop (mV)‡
S501-50mA
250V
1500A
0.0017
9000
S501-63mA
250V
1500A
0.0005
3300
S501-80mA
250V
1500A
0.0011
2600
S501-100mA
250V
1500A
0.0018
2300
S501-125mA
250V
1500A
0.0037
1900
S501-160mA
250V
1500A
0.008
1600
S501-200mA
250V
1500A
0.020
1350
S501-250mA
250V
1500A
0.027
1300
S501-315mA
250V
1500A
0.010
1400
S501-400mA
250V
1500A
0.018
1200
S501-500mA
250V
1500A
0.038
1050
S501-630mA
250V
1500A
0.064
1200
S501-800mA
250V
1500A
0.097
490
S501-1A
250V
1500A
0.480
230
S501-1.25A
250V
1500A
0.9
200
S501-1.6A
250V
1500A
1.9
180
S501-2A
250V
1500A
2.0
205
S501-2.5A
250V
1500A
3.9
190
S501-3.15A
250V
1500A
8.1
160
S501-4A
250V
1500A
14
160
S501-5A
250V
1500A
25
155
S501-6.3A
250V
1500A
48
150
S501-8A
250V
1500A
N/A
N/A
S501-10A
250V
1500A
N/A
N/A
‡ Typical Voltage Drop (Voltage drop was measured at 20°C ambient temperature at rated current)
ELECTRICAL CHARACTERISTICS
1.5 In
2.1 In
2.75 In
4 In
10 In
In
min
max
min
max
min
max
max
50mA-3.15A
60 min 30 min
10 ms
2 sec
3 ms
300 ms 20 ms
4A-10A
60 min 30 min
10 ms
3 sec
3 ms
300 ms 20 ms
5mm x 20mm Fuses
S501 Series, Fast Acting, Ceramic Tube


Similar Part No. - S501-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S501-2-R COOPER-S501-2-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S501-2-R EATON-S501-2-R Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
More results

Similar Description - S501-2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S506-32MA ETC2-S506-32MA Datasheet
265Kb / 2P
5mm x 20mm Fuses
logo
Cooper Bussmann, Inc.
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses GMA Series
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
5mm x 20mm Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GBB EATON-GBB Datasheet
213Kb / 2P
1??" x 1 1??" Very-fast acting ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com