Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S501-2-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # S501-2-R
Description  5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S501-2-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  S501-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S501-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIME CURRENT CURVE
PACKAGING CODE
Packaging Code
Description
BK
100 pieces of fuses packed into a cardboard carton
BK1
1,000 pieces of fuses packed into a poly bag
TR2
1,500 pieces of fuses packed into tape on a reel
OPTION CODE
Option Code
Description
V
Axial leads - copper tinned wire with nickel plated brass overcaps
-R
RoHS compliant version
Cooper Electronic Technologies
3601 Quantum Boulevard
Boynton Beach, FL 33426-8638
Tel: 1-561-752-5000
Fax: 1-561-742-0134
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-800-544-2570
Europe
Cooper Electronic Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Asia Pacific
Cooper Electronic Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
Visit us on the web at:
www.CooperET.com
OC-2568
10/05
© Cooper Electronic
Technologies 2005
North America
5mm x 20mm Fuses
S501 Series, Fast Acting, Ceramic Tube



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com