Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7770
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7770 Datasheet HTML 1Page - Monolithic Power Systems MP7770 Datasheet HTML 2Page - Monolithic Power Systems MP7770 Datasheet HTML 3Page - Monolithic Power Systems MP7770 Datasheet HTML 4Page - Monolithic Power Systems MP7770 Datasheet HTML 5Page - Monolithic Power Systems MP7770 Datasheet HTML 6Page - Monolithic Power Systems MP7770 Datasheet HTML 7Page - Monolithic Power Systems MP7770 Datasheet HTML 8Page - Monolithic Power Systems MP7770 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
2
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATIONS
CH1
INPUT
CH1
OUTPUT
VDD
REF1
IN1
TIMER1
EN
IN2
PGND1
BST1
SW1
VDD1
PGND2
SW2
BST2
VDD2
OFF ON
CH2
OUTPUT
AGND1
AGND2
TIMER2
CH2
INPUT
REF2
MP7770
UVP
OTW
FAULT
Stereo SE Application Circuit
INPUT+
VDD
REF1
IN1
PGND1
BST1
SW1
VDD1
PGND2
SW2
BST2
VDD2
OUTPUT
MP7770
TIMER1
EN
OFF ON
TIMER2
REF2
IN2
INPUT-
AGND1
AGND2
UVP
OTW
FAULT
Mono BTL Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com