Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7770
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7770 Datasheet HTML 1Page - Monolithic Power Systems MP7770 Datasheet HTML 2Page - Monolithic Power Systems MP7770 Datasheet HTML 3Page - Monolithic Power Systems MP7770 Datasheet HTML 4Page - Monolithic Power Systems MP7770 Datasheet HTML 5Page - Monolithic Power Systems MP7770 Datasheet HTML 6Page - Monolithic Power Systems MP7770 Datasheet HTML 7Page - Monolithic Power Systems MP7770 Datasheet HTML 8Page - Monolithic Power Systems MP7770 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP7770
2 x 45W Stereo Single-Ended
or 90W Mono BTL Class-D Audio Amplifier
MP7770 Rev.1.0
www.MonolithicPower.com
1
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP7770 is an analog class-D audio amplifier
that can drive either stereo speakers in single-
ended configuration or a mono speaker in a
bridge-tied-load configuration. It is part of
MPS’s family of fully-integrated audio amplifiers
that dramatically reduce footprint size by
integrating:
 100mΩ power MOSFETs
 Startup/Shutdown pop elimination
 Short-circuit protection circuits
The MP7770 is capable of delivering 45W per
channel into 4Ω speaker in single-ended output
structure, or delivering 90W into 8Ω speaker in
bridge-tied-load output structure under 36V
VDD. MPS’s class D audio amplifiers exhibit the
high fidelity of a Class A/B amplifier at higher
efficiencies. The circuit is based on the MPS’s
proprietary variable-frequency topology, which
delivers excellent linearity, fast response time
and operates from a single power supply.
FEATURES
 9.5V-to-36V Operation from a Single Supply
 ±8.5A Peak Current Output
 Output Power at 36V and 10%THD:
- Stereo Single-Ended: 2 x 45W into 4Ω Load,
- Bridge-Tied Load: 90W into 8Ω Load
 THD+N = 0.03% at 1W, 8Ω
 > 90% Efficiency at 10%THD
 Low Noise
 Switching Frequency of up to 1MHz
 Integrated Startup and Shutdown Pop
Elimination Circuit
 Programmable UVP
 Thermal and Short-Circuit Protection
 Output Fault Flag and Thermal Warning
 Integrated Power FETs
 TSSOP28-EP Package with Exposed Pad
on Bottom
 TSSOP28-EPR Package with Exposed Pad
on Top, Please Contact Factory for the
Availability
APPLICATIONS
 DVD Receiver
 Mini Combo System
 Home Theater Systems
 Surround Sound Systems
 Audio Docking or High-Power Sound Box
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP7770

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP770208 MULTICOMP-MP770208 Datasheet
180Kb / 1P
Probe
13/05/22 V1.0
logo
Monolithic Power System...
MP7705 MPS-MP7705 Datasheet
326Kb / 10P
12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
logo
Multicomp Pro
MP771078 MULTICOMP-MP771078 Datasheet
247Kb / 2P
Stackable Banana Plug
19/04/24 V1.0
MP771079 MULTICOMP-MP771079 Datasheet
247Kb / 2P
Stackable Banana Plug
19/04/24 V1.0
MP771080 MULTICOMP-MP771080 Datasheet
247Kb / 2P
Stackable Banana Plug
19/04/24 V1.0
More results

Similar Description - MP7770

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Monolithic Power System...
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
logo
Toshiba Semiconductor
TA8225HQ TOSHIBA-TA8225HQ Datasheet
1Mb / 17P
45W BTL Audio Amplifier
logo
Monolithic Power System...
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
logo
International Rectifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
90W/2 x 2 Channel Class D Audio Power Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
MP7748S MPS-MP7748S Datasheet
1Mb / 23P
2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com