Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8044DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8044DF
Description  22V, 4A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8044DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8044DF Datasheet HTML 1Page - Monolithic Power Systems MP8044DF Datasheet HTML 2Page - Monolithic Power Systems MP8044DF Datasheet HTML 3Page - Monolithic Power Systems MP8044DF Datasheet HTML 4Page - Monolithic Power Systems MP8044DF Datasheet HTML 5Page - Monolithic Power Systems MP8044DF Datasheet HTML 6Page - Monolithic Power Systems MP8044DF Datasheet HTML 7Page - Monolithic Power Systems MP8044DF Datasheet HTML 8Page - Monolithic Power Systems MP8044DF Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP8044 - 22V, 4A DUAL CHANNEL POWER HALF-BRIDGE
M8044 Rev. 1.0
www.MonolithicPower.com
3
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VSP = 12V, VSHDNB = 5V, TA = +25°C, unless otherwise specified.
Parameters
Symbol Condition
Min
Typ
Max
Units
VSP Operating Current
ILOAD = 0A,PWM1,2=0
2.1
2.5
mA
VSP Shutdown Current
VSHDN = 0V
1.0
10
µA
Operating VSP Threshold Low
4.8
5.3
V
Operating VSP Threshold High
6.5
7.2
V
STBYB Threshold Low
0.9
1.1
V
STBYB Threshold High
1.9
2.2
V
PWM Input Bias Current
0.1
1.0
µA
SHDNB Threshold Low
0.9
1.1
V
SHDNB Threshold High
1.9
2.2
V
PWM1,2 Threshold Low
0.9
1.4
V
PWM1,2 Threshold High
1.8
2.2
V
POR-VFB Threshold High
1.25
V
POR-VFB hysteresis
REXT=50kΩ
104
mV
VPOR-OUT
VPOR-VFB =0V
3.3
V
VPOR-OUT
VPOR-VFB =2V
0.5
V
SW1/2 On Resistance
VSP = 7.5V, High-Side and Low-
Side
0.2
Ω
VPWM = 0V, Sinking
4
A
SW1/2 Current Limit
(5)
VPWM = 5V, Sourcing
4
A
SW1/2 Switching Frequency
VPWM = 0 to 5V, 50% Duty Cycle
0.6
MHz
SW1/2 Maximum Duty Cycle
(6)
VSP = 7.5V, VPWM = 5V,
CBST = 100nF, fSW = 3.3kHz
99.5
%
SW1/2 Rise/Fall Time
VPWM = 0V to 5V
10
ns
PWM Pulse Width
VPWM = 0V to 5V, High or Low
Pulse
200
ns
Dead Time
(5)
IOUT= ±100mA
30
ns
PWM1,2 to SW1,2 Delay Time
Rising
VPWM = 0V to 5V
40
ns
PWM1,2 to SW1,2 Delay Time
Falling
VPWM = 5V to 0V
40
ns
Thermal Shutdown Temperature
(5)
TJ Rising, Hysteresis = 20°C
150
°C
Notes:
5) Not production tested.
6) OUT drives low for 1.5µs every 300µs to charge the BST to SW capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com