Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8044DF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8044DF
Description  22V, 4A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8044DF Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP8044DF Datasheet HTML 1Page - Monolithic Power Systems MP8044DF Datasheet HTML 2Page - Monolithic Power Systems MP8044DF Datasheet HTML 3Page - Monolithic Power Systems MP8044DF Datasheet HTML 4Page - Monolithic Power Systems MP8044DF Datasheet HTML 5Page - Monolithic Power Systems MP8044DF Datasheet HTML 6Page - Monolithic Power Systems MP8044DF Datasheet HTML 7Page - Monolithic Power Systems MP8044DF Datasheet HTML 8Page - Monolithic Power Systems MP8044DF Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP8044 - 22V, 4A DUAL CHANNEL POWER HALF-BRIDGE
M8044 Rev. 1.0
www.MonolithicPower.com
8
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
REGULATOR
VDR1, 2
VSP
AGND1, 2
UVLO
FAULTB
POR_VFB
BST1, 2
STBYB
PWM1/2
POR_OUT
SHDNB
LOGIC
CONTROL
HIGH SIDE
CURRENT LIMIT
LOW SIDE
CURRENT LIMIT
THERMAL
SHUTDOWN
DRIVER
UVLO
LEVEL
SHIFTER
DRIVER
VSP
SW1/2
PGND1, 2
--
+
1.25V
Figure 2—Function Block Diagram (1 channel only)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com