Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8104 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8104
Description  Ultra Low Power 1.8V, 400KHz Op Amp With Industry Standard Pin-Out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8104 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8104 Datasheet HTML 1Page - Monolithic Power Systems MP8104 Datasheet HTML 2Page - Monolithic Power Systems MP8104 Datasheet HTML 3Page - Monolithic Power Systems MP8104 Datasheet HTML 4Page - Monolithic Power Systems MP8104 Datasheet HTML 5Page - Monolithic Power Systems MP8104 Datasheet HTML 6Page - Monolithic Power Systems MP8104 Datasheet HTML 7Page - Monolithic Power Systems MP8104 Datasheet HTML 8Page - Monolithic Power Systems MP8104 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP8104 – ULTRA LOW POWER, 1.8V, 400KHz OP AMP WITH INDUSTRY STANDARD PIN-OUT
MP8104 Rev. 1.01
www.MonolithicPower.com
2
2/28/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
OUT
V-
IN+
1
2
3
5
4
V+
IN-
Part Number*
Package
Temperature
MP8104DJ
TSOT23-5
–40
C to +85C
* For Tape & Reel, add suffix –Z (eg. MP8104DJ–Z)
For Lead Free, add suffix –LF (eg. MP8104DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (V+ to V-) ......................... +6.0V
Differential Input Voltage (VIN+ – VIN–)....... +6.0V
Input Voltage (VIN+ – VIN–)..VIN+ + 0.3V, VIN– – 0.3V
Recommended Operating Conditions
(2)
Supply Voltage ...........................+1.8V to +5.5V
Operating Temperature .............–40
C to +85C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
V+ = +5V, V- = 0V, VCM = V+/2, RL = 10kΩ, TA = +25C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Offset Voltage
VOS
–5
1
+5
mV
Input Offset Voltage Temp
Coefficient
15
µV/
C
Input Bias Current (4)
IB
2
pA
Input Offset Current (4)
IOS
0.2
pA
Input Voltage Range
VCM
CMRR > 60dB
0
3.8
V
Common-Mode Rejection
Ratio
CMRR
0 < VCM < 3.5V
82
dB
Power Supply Rejection Ratio
PSRR
Supply Voltage change of
1.0V
80
dB
Large Signal Voltage Gain
AVOL
RL = 100kΩ,
VOUT = 5.0 Peak to Peak
60
88
dB
Maximum Output Voltage
Swing
VOUT
RL = 10kΩ
(V+) – 23mV
V
Minimum Output Voltage
Swing
VOUT
RL = 10kΩ
(V–) + 19mV
V
Gain-Bandwidth Product (4)
GBW
RL = 200kΩ,CL = 2pF,
VOUT = 0
400
KHz
–3dB Bandwidth (4)
BW
AV = 1, CL = 2pF,
RL = 1MΩ
1
MHz
Slew Rate (4)
SR
AV = 1, CL = 2pF,
RL = 1MΩ
0.2
V/µs
Short Circuit Current
ISC
Source
20
mA
Sink
20
mA
Supply Current
No Load
11
20
µA
Note:
4) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com