Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8104 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8104
Description  Ultra Low Power 1.8V, 400KHz Op Amp With Industry Standard Pin-Out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8104 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8104 Datasheet HTML 2Page - Monolithic Power Systems MP8104 Datasheet HTML 3Page - Monolithic Power Systems MP8104 Datasheet HTML 4Page - Monolithic Power Systems MP8104 Datasheet HTML 5Page - Monolithic Power Systems MP8104 Datasheet HTML 6Page - Monolithic Power Systems MP8104 Datasheet HTML 7Page - Monolithic Power Systems MP8104 Datasheet HTML 8Page - Monolithic Power Systems MP8104 Datasheet HTML 9Page - Monolithic Power Systems MP8104 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP8104 – ULTRA LOW POWER, 1.8V, 400KHz OP AMP WITH INDUSTRY STANDARD PIN-OUT
MP8104 Rev. 1.01
www.MonolithicPower.com
9
2/28/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power Supply Bypassing
Regular supply bypassing techniques are
recommended. A 10µF capacitor in parallel with
a 0.1µF capacitor on both the positive and
negative supplies is ideal. For the best
performance, all bypassing capacitors should
be located as close to the op amp as possible
and all capacitors should be low ESL
(Equivalent Series Inductance) and low ESR
(Equivalent Series Resistance). Surface mount
ceramic capacitors are ideal.
TYPICAL APPLICATION CIRCUIT
--
+
--
+
OUTPUT1
OUTPUT2
200pF
MP8104
MP8104
Q1
NPN
VCC/2
VCC
Notes:
1) The control voltage VIN is wide, 0 < VIN < VCC - 1V
2) The switch frequency can be changed by adjusting R and C.
VIN
R
C
Figure 3—Voltage Controlled Frequency Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com