Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8652 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8652
Description  15A, 14V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8652 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8652 Datasheet HTML 1Page - Monolithic Power Systems MP8652 Datasheet HTML 2Page - Monolithic Power Systems MP8652 Datasheet HTML 3Page - Monolithic Power Systems MP8652 Datasheet HTML 4Page - Monolithic Power Systems MP8652 Datasheet HTML 5Page - Monolithic Power Systems MP8652 Datasheet HTML 6Page - Monolithic Power Systems MP8652 Datasheet HTML 7Page - Monolithic Power Systems MP8652 Datasheet HTML 8Page - Monolithic Power Systems MP8652 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP8652
15A, 14V, High Frequency Step-Down
Converter with Synchronous Gate Driver
MP8652 Rev. 0.9
www.MonolithicPower.com
1
10/26/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8652 is a monolithic step-down switch
mode converter with a built in internal power
MOSFET. It achieves 15A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP8652 requires a minimum number of
readily available standard external components
and is available in a 20-pin 3mm x 4mm QFN
package.
The MP8652 is ideal for a wide range of
applications including distributed power systems,
pre-regulator for linear regulators, compact DC-
DC regulators for PCB space limited platforms.
FEATURES
• Wide 4.5V to 14V Operating Input Range
• 15A Output Current
• 25mΩ Internal Power MOSFET Switch
• Synchronous Gate Driver Delivers up to
95% Efficiency
• Synch from 300kHz to > 1MHz External Clock or
400kHz Fixed Switching Frequency
• Synch Output to Drive Another Regulator in
Phase-Shift Operation
• Feedback Voltage Accuracy: 2%
• Programmable Soft-Start
• Startup Tracking
• EN and Power Good for Power Sequencing
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown
• Output Adjustable from 0.8V to 12V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a 3mm x 4mm QFN Package
APPLICATIONS
•
Distributed Power Systems
•
Pre-Regulator for Linear Regulators
•
Compact DC-DC Regulator for PCB Space
Limited Platforms
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP8652
SW
BG
FB
BST
GND
IN
VCC
COMP
PG
EN
VOUT
2.5V/12A
VIN
OFF ON
VCC
R3
C3
C6
System
SS/TRK
SYNCIN
SYNCOUT
Efficiency vs. Output Current
50
55
60
65
70
75
80
85
90
95
02
4
6
8
10 12 14 16
OUTPUT CURRENT (A)


Similar Part No. - MP8652

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP86 ETC1-MP86 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8606 MPS-MP8606 Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8606DL MPS-MP8606DL Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP8619EQJ MPS-MP8619EQJ Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
More results

Similar Description - MP8652

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT7259 RICHTEK-RT7259 Datasheet
299Kb / 15P
10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT8298 RICHTEK-RT8298 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38873 MPS-MP38873 Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
MP38875 MPS-MP38875 Datasheet
595Kb / 14P
15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
MP38876 MPS-MP38876 Datasheet
411Kb / 15P
15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
logo
Skyworks Solutions Inc.
SKY87006 SKYWORKS-SKY87006 Datasheet
190Kb / 3P
High-Frequency Step-Down Converter with MIPI
logo
Texas Instruments
TPS549A20 TI1-TPS549A20 Datasheet
1Mb / 47P
15A Synchronous Step-Down SWIFT Converter With PMBus
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com