Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8298 Datasheet (PDF) - Richtek Technology Corporation

RT8298 Datasheet PDF - Richtek Technology Corporation
Part # RT8298
Download  RT8298 Download
File Size   330.72 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver

RT8298 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8298 Datasheet PDF - Richtek Technology Corporation

Part # RT8298
Download  RT8298 Click to download

File Size   330.72 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver

RT8298 Datasheet (HTML) - Richtek Technology Corporation


RT8298 Product details

General Description

The RT8298 is a synchronous step-down DC/DC converter with an integrated high side internal power MOSFET and a gate driver for a low side external power MOSFET. It can deliver up to 6A output current from a 4.5V to 24V input supply.



Features

4.5V to 24V Input Voltage Range

6A Output Current

45mΩInternal High Side N-MOSFET

Current Mode Control

600kHz Switching Frequency

Adjustable Output from 0.8V to 15V

Up to 95% Efficiency

Internal Compensation

Stable with Ceramic Capacitors

Synchronous External Clock : 300kHz to 1.5MHz

Cycle-by-Cycle Current Limit

Input Under Voltage Lockout

Output Under Voltage Protection

Power Good Indicator

Thermal Shutdown Protection

RoHS Compliant and Halogen Free



Applications

Point of Load Regulator in Distributed Power System

Digital Set top Boxes

Personal Digital Recorders

Broadband Communications

Flat Panel TVs and Monitors




Similar Part No. - RT8298

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
Evaluation Board
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Similar Description - RT8298

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT7259 RICHTEK-RT7259 Datasheet
299Kb / 15P
10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Exar Corporation
SP7663 EXAR-SP7663_12 Datasheet
763Kb / 18P
6A 600KHz Synchronous Step Down Regulator
logo
Monolithic Power System...
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com