Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8666DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8666DN
Description  6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8666DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8666DN Datasheet HTML 2Page - Monolithic Power Systems MP8666DN Datasheet HTML 3Page - Monolithic Power Systems MP8666DN Datasheet HTML 4Page - Monolithic Power Systems MP8666DN Datasheet HTML 5Page - Monolithic Power Systems MP8666DN Datasheet HTML 6Page - Monolithic Power Systems MP8666DN Datasheet HTML 7Page - Monolithic Power Systems MP8666DN Datasheet HTML 8Page - Monolithic Power Systems MP8666DN Datasheet HTML 9Page - Monolithic Power Systems MP8666DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP8666 – 6A, 21V, 600kHz STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP8666 Rev. 1.21
www.MonolithicPower.com
6
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 2.5V, L = 2.2µH, TA = +25ºC, unless otherwise noted.
Enabled Supply Current
vs. Input Voltage
1100
1050
1000
950
900
0
5
10
15
20
25
INPUT VOLTAGE (V)
55
50
45
40
35
30
12
34
6
5
OUTPUT CURRENT (A)
100
10
1
0.1
0
5
10
15
20
25
INPUT VOLTAGE (V)
LOAD CURRENT (A)
Case Temperature vs.
Output Current
10
8
6
4
2
0
10
70
30
90
50
Duty Cycle (%)
Peak Current
vs. Duty Cycle
Operating Range
Disabled Supply Current
vs. Input Voltage
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10
15
20
25
INPUT VOLTAGE (V)
VCC Regulator Line
Regulation (ICC = 10mA)
4.9
4.7
4.5
4.3
4.1
3.9
3.7
3.5
45
4.5
5.5
6
6.5
7
INPUT VOLTAGE (V)
VIN=12V
VIN=20V
Load Regulation
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
57
9
13
19
11
15 17
21
ILOAD=6A
Line Regulation
1MHz
1.4MHz
600KHz
VFB_MIN
DMAX Limit
0.995
0.996
0.997
0.998
0.999
1
1.001
1.002
0123456
INPUT VOLTAGE(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com