Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8666DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8666DN
Description  6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8666DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8666DN Datasheet HTML 1Page - Monolithic Power Systems MP8666DN Datasheet HTML 2Page - Monolithic Power Systems MP8666DN Datasheet HTML 3Page - Monolithic Power Systems MP8666DN Datasheet HTML 4Page - Monolithic Power Systems MP8666DN Datasheet HTML 5Page - Monolithic Power Systems MP8666DN Datasheet HTML 6Page - Monolithic Power Systems MP8666DN Datasheet HTML 7Page - Monolithic Power Systems MP8666DN Datasheet HTML 8Page - Monolithic Power Systems MP8666DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP8666
6A, 21V, 600kHz Step-Down Converter
with Synchronizable Gate Driver
MP8666 Rev. 1.21
www.MonolithicPower.com
1
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8666 is a monolithic step-down switch
mode converter with a built in high-side internal
power MOSFET and a gate driver for a low-side
external MOSFET. It achieves 6A continuous
output current over a wide input supply range
with excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP8666 requires a minimum number of
readily available standard external components
and is available in an 8-pin SOIC package with
exposed pad.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 6A Continuous Output Current
• 45mΩ Internal Power MOSFET Switch
• Synchronizable Gate Driver Delivers up to
95% Efficiency
• Fixed 600KHz Frequency
• Synchronizable up to 1.5MHz
• Cycle-by-Cycle Over Current Protection with
Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a Thermally Enhanced 8-Pin
SOIC Package
APPLICATIONS
•
Point of Load Regulator in Distributed
Power System
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Broadband Communications
•
Flat Panel Television and Monitors
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8666
SW
BG
FB
BST
1
4
6
5
2
GND
IN
VCC
EN/SYNC
8
3
7
VOUT
3.3V
C4
100nF
16V
M2
VIN
OFF ON
Efficiency vs
Output Current
100
95
90
85
80
75
70
65
60
55
50
12
4
5
36
OUTPUT CURRENT (A)
VIN=12V
VIN=20V
VOUT=3.3V


Similar Part No. - MP8666DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP86 ETC1-MP86 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8606 MPS-MP8606 Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8606DL MPS-MP8606DL Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP8619EQJ MPS-MP8619EQJ Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
More results

Similar Description - MP8666DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com