Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8709 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8709
Description  High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8709 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8709 Datasheet HTML 1Page - Monolithic Power Systems MP8709 Datasheet HTML 2Page - Monolithic Power Systems MP8709 Datasheet HTML 3Page - Monolithic Power Systems MP8709 Datasheet HTML 4Page - Monolithic Power Systems MP8709 Datasheet HTML 5Page - Monolithic Power Systems MP8709 Datasheet HTML 6Page - Monolithic Power Systems MP8709 Datasheet HTML 7Page - Monolithic Power Systems MP8709 Datasheet HTML 8Page - Monolithic Power Systems MP8709 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP8709
High Efficiency 4A, 21V, 500kHz
Synchronous Step-down Converter
MP8709 Rev. 1.01
www.MonolithicPower.com
1
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8709 is a high frequency synchronous
rectified step-down switch mode converter with
built in power MOSFETs. It offers a very
compact solution to achieve 4A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP8709 has synchronous mode operation for
higher efficiency over output current load range.
MP8709 achieves low EMI signature with well
controlled switching edges.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and
thermal shut down.
The MP8709 requires a minimum number of
readily available standard external components
and is available in a space saving 8-pin SOIC
package with an exposed pad.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 4A Output Current
• Low Rds(on) Internal Power MOSFETs
• Low-EMI Switching Speed Technology
• High Efficiency Synchronous Mode Operation
• Fixed 500kHz Switching Frequency
• Sync from 300kHz to 2MHz External Clock
• Internal Compensation
• Integrated Bootstrap Diode
• OCP Protection (Hiccup Mode)
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in a Thermally Enhanced 8-pin SOIC
package
APPLICATIONS
•
Notebook Systems and I/O Power
•
Networking Systems
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
22uF
MP8709
SW
GND
FB
EN/SYNC
IN
BST
VCC
C4
0.1uF
R2
10k
Rt
56k
R1
4.99k
L1
1.8uH
C2
47uF
C3
0.1uF
VIN
VOUT 1.2V
ON/OFF
6
8
4
2,3
1
7
5
21
Efficiency
VOUT=1.2V
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
0 0.5
1 1.5
2 2.5
3 3.5
4
VIN=4.5V
VIN=12V
VIN=21V


Similar Part No. - MP8709

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8705 FAIRVIEW-MP8705 Datasheet
479Kb / 2P
2 Way Power Divider N Connectors From 380 MHz to 2.7 GHz Rated at 300 Watts
REV 1.1B
logo
Monolithic Power System...
MP8706 MPS-MP8706 Datasheet
435Kb / 14P
High Efficiency 3A, 21V, 500KHz Synchronous Step-down Converter
Rev. 0.91
MP8706EN MPS-MP8706EN Datasheet
435Kb / 14P
High Efficiency 3A, 21V, 500KHz Synchronous Step-down Converter
Rev. 0.91
More results

Similar Description - MP8709

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com