Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8715DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8715DN
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8715DN Datasheet HTML 1Page - Monolithic Power Systems MP8715DN Datasheet HTML 2Page - Monolithic Power Systems MP8715DN Datasheet HTML 3Page - Monolithic Power Systems MP8715DN Datasheet HTML 4Page - Monolithic Power Systems MP8715DN Datasheet HTML 5Page - Monolithic Power Systems MP8715DN Datasheet HTML 6Page - Monolithic Power Systems MP8715DN Datasheet HTML 7Page - Monolithic Power Systems MP8715DN Datasheet HTML 8Page - Monolithic Power Systems MP8715DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
5
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8E
Pin#
3x4 QFN14
Pin #
Name
Description
1
1
VIN
Supply Voltage. The MP8715 operates from a +4.5V to +21V input rail.
C1 is required to decouple the input rail. Use wide PCB traces and
multiple vias to make the connection.
2
2,3,4,5
SW
Switch Output. It is the source of high-side power device.
3
6
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate
above the supply voltage. It is connected between SW and BST pins to
form a floating supply across the power switch driver. An on-chip regulator
and charge pump are both used to charge up the external boot-strap
capacitor.
4
7
EN/SYNC
EN=1 to enable the MP8715. External clock can be applied to EN pin for
changing switching frequency. For automatic start-up, connect EN pin to
VIN with 100KΩ resistor.
5
8
FB
Feedback. An external resistor divider from the output to GND, tapped to
the FB pin, sets the output voltage. To prevent current limit run away
during a short circuit fault condition the frequency fold-back comparator
lowers the oscillator frequency when the FB voltage is below 400mV.
6
9
POK
Power good signal. When FB is less than 90% of 0.8V, POK is low. It is
an open-drain output. Use a high value pull-up resistor externally to pull it
up to system power supply.
7
10
VCC
Bias Supply. It’s the internal regulator output. Decouple with 0.1µF
capacitor.
8
14
SS
Connect to an external capacitor used for Soft-Start.
9
11,12,13,
Exposed
Pad
GND
Ground (Exposed Pad, also serves as thermal pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com