Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8715DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8715DN
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8715DN Datasheet HTML 6Page - Monolithic Power Systems MP8715DN Datasheet HTML 7Page - Monolithic Power Systems MP8715DN Datasheet HTML 8Page - Monolithic Power Systems MP8715DN Datasheet HTML 9Page - Monolithic Power Systems MP8715DN Datasheet HTML 10Page - Monolithic Power Systems MP8715DN Datasheet HTML 11Page - Monolithic Power Systems MP8715DN Datasheet HTML 12Page - Monolithic Power Systems MP8715DN Datasheet HTML 13Page - Monolithic Power Systems MP8715DN Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
10
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP8715 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a very
compact solution to achieve 4A continuous
output current over a wide input supply range
with excellent load and line regulation.
The MP8715 operates in a fixed frequency, peak
current control mode to regulate the output
voltage. A PWM cycle is initiated by the internal
clock. The integrated high-side power MOSFET
is turned on and remains on until its current
reaches the value set by the COMP voltage.
When the power switch is off, it remains off until
the next clock cycle starts. If, in whole of one
PWM period, the current in the power MOSFET
does not reach the COMP set current value, the
power MOSFET will work at 100% duty cycle.
Internal Regulator
Most of the internal circuitries are powered from
the 5.1V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.1V, the output of the
regulator is in full regulation. When VIN is lower
than 5.1V, the output decreases, a 0.1uF ceramic
capacitor for decoupling purpose is required.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.805V reference (REF) and
outputs a current proportional to the difference
between the two. This output current is then used
to charge or discharge the internal compensation
network to form the COMP voltage, which is used
to control the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component counts and
simplifies the control loop design.
Enable/Sync Control
EN/Sync is a digital control pin that turns the
regulator on and off. Drive EN high to turn on the
regulator, drive it low to turn it off. There is an
internal 1MEG resistor from EN/Sync to GND
thus EN/Sync can be floated to shut down the
chip.
1) Enabled by external logic H/L signal
The chip starts up once the enable signal goes
higher than EN/SYNC input high voltage (2V),
and is shut down when the signal is lower than
EN/SYNC input low voltage (0.4V). To disable
the chip, EN must be pulled low for at least 5µs.
The input is compatible with both CMOS and TTL.
2) Enabled by Vin through voltage divider.
Connect EN with Vin through a resistive voltage
divider for automatic startup as the figure 2
shows.
EN
VIN
REN1
REN2
Figure 2—Enable Divider Circuit
Choose the value of the pull-up resistor REN1 and
pull-down resistor REN2 to reset the automatic
start-up voltage:
EN1
EN2
IN_START
EN_RISING
EN2
(R
R
|| 1M )
VV
R|| 1M
+Ω
=⋅
Ω
Where VEN_RISING is 1.12V
EN1
EN2
IN_STOP
EN-FALLING
EN2
(R
R
|| 1M )
VV
R|| 1M
=
+Ω
⋅
Ω
Where VEN_FALLING is 0.9V
The startup sequence is as below using the EN
divider. VCC-Rising is the VCC UVLO rising
threshold which is about 4.0V.
Vin
EN/Sync
Vcc
Vout
VEN_Rising
5us
VEN_Falling
VIN_START
1ms
VCC_Rising
Turn On Delay
Turn Off Delay
VIN_STOP
Figure 3—Startup Sequence Using EN Divider
3) Synchronized by External Sync Clock Signal
The chip can be synchronized to external clock
range from 300kHz up to 2MHz through this pin
2ms right after output voltage is set, with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com