Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8736 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8736 Datasheet HTML 9Page - Monolithic Power Systems MP8736 Datasheet HTML 10Page - Monolithic Power Systems MP8736 Datasheet HTML 11Page - Monolithic Power Systems MP8736 Datasheet HTML 12Page - Monolithic Power Systems MP8736 Datasheet HTML 13Page - Monolithic Power Systems MP8736 Datasheet HTML 14Page - Monolithic Power Systems MP8736 Datasheet HTML 15Page - Monolithic Power Systems MP8736 Datasheet HTML 16Page - Monolithic Power Systems MP8736 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
13
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8736 is a fully integrated synchronous
rectified step-down switch mode converter.
Constant-on-time (COT) control is employed to
provide fast transient response and easy loop
stabilization. At the beginning of each cycle, the
high-side MOSFET (HS-FET) is turned ON when
the feedback voltage (VFB) is below the reference
voltage (VREF), which indicates insufficient output
voltage. The ON period is determined by the
input voltage and the frequency-set resistor as
follows:
()
( )
()
()
ON
IN
6R7 k
Tns
40 ns
VV
0.4
×Ω
=+
−
(1)
After the ON period elapses, the HS-FET is
turned off, or becomes OFF state. It is turned ON
again when VFB drops below VREF. By repeating
operation this way, the converter regulates the
output voltage. The integrated low-side MOSFET
(LS-FET) is turned on when the HS-FET is in its
OFF state to minimize the conduction loss. There
will be a dead short between input and GND if
both HS-FET and LS-FET are turned on at the
same time. It’s called shoot-through. In order to
avoid shoot-through, a dead-time (DT) is
internally generated between HS-FET off and LS-
FET on, or LS-FET off and HS-FET on.
Heavy-Load Operation
Figure 2—Heavy Load Operation
As Figure 2 shows, when the output current is
high, the HS-FET and LS-FET repeat on/off as
described above. In this operation, the inductor
current will never go to zero. It’s called
continuous-conduction-mode (CCM) operation. In
CCM operation, the switching frequency (FSW) is
fairly constant.
Light-Load Operation
At light load or no load condition, the output
drops very slowly and the MP8736 reduces the
switching frequency automatically to maintain
high efficiency. The light load operation is shown
in Figure 3. The VFB does not reach VREF when
the inductor current is approaching zero. The LS-
FET driver turns into tri-state (high Z) whenever
the inductor current reaches zero. A current
modulator takes over the control of LS-FET and
limits the inductor current to less than -1mA.
Hence, the output capacitors discharge slowly to
GND through LS-FET. As a result, the efficiency
at light load condition is greatly improved. At light
load condition, the HS-FET is not turned ON as
frequently as at heavy load condition. This is
called skip mode.
Figure 3—Light Load Operation
As the output current increases from the light
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned ON more frequently.
Hence,
the
switching
frequency
increases
correspondingly. The output current reaches the
critical level when the current modulator time is
zero. The critical level of the output current is
determined as follows:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V
−
×
=
××
×
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com