Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8736 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8736 Datasheet HTML 1Page - Monolithic Power Systems MP8736 Datasheet HTML 2Page - Monolithic Power Systems MP8736 Datasheet HTML 3Page - Monolithic Power Systems MP8736 Datasheet HTML 4Page - Monolithic Power Systems MP8736 Datasheet HTML 5Page - Monolithic Power Systems MP8736 Datasheet HTML 6Page - Monolithic Power Systems MP8736 Datasheet HTML 7Page - Monolithic Power Systems MP8736 Datasheet HTML 8Page - Monolithic Power Systems MP8736 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8736
High Efficiency, Fast Transient, 6A, 19V
Synchronous Buck Converter in a
Tiny QFN20 (3x4mm) Package
MP8736 Rev. 1.34
www.MonolithicPower.com
1
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8736 is a fully integrated high frequency
synchronous rectified step-down switch mode
converter. This device integrates a 12mΩ low-
side FET and a 30mΩ high-side FET in a
monolithic die. The MP8736 operates with high
efficiency over a wide output current load range.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization. The MP8736 has a programmable
frequency pin to optimize system performance.
Full protection features include SCP, OCP, OVP,
UVP and thermal shut down.
The MP8736 requires a minimum number of
readily available standard external components
and is available in a space saving QFN20
(3x4mm) package.
FEATURES
• Wide 4.5V to 19V Operating Input Range
• 6A Output Current
• Integrated 30mΩ High-Side, 12mΩ Low-
Side Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• 1% Reference Voltage
• Programmable Soft Start Time
• Soft Shutdown
• SCP, OCP, OVP, UVP Protection and
Thermal Shutdown
• Available in a QFN20 (3x4mm) Package
• 100kHz to 2.5MHz switching frequency*
APPLICATIONS
•
Networking Systems
•
Broadband/Optical Communication
Systems
•
Distributed Power and Point of Load
Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
*switching frequency is only limited by on-time and is application specific
TYPICAL APPLICATION
5
4
3
2
7
9,10,17,18
1
20
8,19
11-16
IN
VCC
CIN
C10
C3
CSS
10nF
PGOOD
FREQ
EN
PGND
AGND
SS
SW
FB
BST
R4
C4
100pF
R1
R2
40.2
R14
100
L2
MP8736
VIN
EN
VOUT 1.05V
R7
IO (A)
FSW=600kHz, Vout = 1.05V
Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
6
VIN=8V
VIN=12V
VIN=19V


Similar Part No. - MP8736

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8705 FAIRVIEW-MP8705 Datasheet
479Kb / 2P
2 Way Power Divider N Connectors From 380 MHz to 2.7 GHz Rated at 300 Watts
REV 1.1B
logo
Monolithic Power System...
MP8706 MPS-MP8706 Datasheet
435Kb / 14P
High Efficiency 3A, 21V, 500KHz Synchronous Step-down Converter
Rev. 0.91
MP8706EN MPS-MP8706EN Datasheet
435Kb / 14P
High Efficiency 3A, 21V, 500KHz Synchronous Step-down Converter
Rev. 0.91
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8709EN MPS-MP8709EN Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP8736

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP38900 MPS-MP38900 Datasheet
859Kb / 23P
High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
NB638 MPS-NB638 Datasheet
765Kb / 19P
High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
NB639 MPS-NB639 Datasheet
868Kb / 19P
High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter In a Tiny QFN20 (3x4mm) Package
NB6381 MPS-NB6381 Datasheet
747Kb / 19P
High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter in a Tiny QFN20 (3x4mm) Package
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
2-A High Efficiency Synchronous Buck Converter in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com