Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9115DQT Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9115DQT
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115DQT Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9115DQT Datasheet HTML 1Page - Monolithic Power Systems MP9115DQT Datasheet HTML 2Page - Monolithic Power Systems MP9115DQT Datasheet HTML 3Page - Monolithic Power Systems MP9115DQT Datasheet HTML 4Page - Monolithic Power Systems MP9115DQT Datasheet HTML 5Page - Monolithic Power Systems MP9115DQT Datasheet HTML 6Page - Monolithic Power Systems MP9115DQT Datasheet HTML 7Page - Monolithic Power Systems MP9115DQT Datasheet HTML 8Page - Monolithic Power Systems MP9115DQT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
2
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP9115DQT
TQFN10 (3mm x 3mm)
2N
-40
°C to +85°C
*For Tape & Reel, add suffix –Z (eg. MP9115DQT–Z);
For RoHS compliant packaging, add suffix –LF (eg. MP9115DQT–LF–Z)
PACKAGE REFERENCE
TOP VIEW
SHDN
GND
LX
LX
N/C
1
2
3
4
5
N/C
FB
VIN
N/C
PVIN
10
9
8
7
6
ABSOLUTE MAXIMUM RATINGS (1)
PVIN, VIN to GND.......................-0.3V to + 6.5V
SW to GND ...........................-0.3V to VIN + 0.3V
EN, FB to GND ............................-0.3V to +6.5V
Operating Temperature.............. -40°C to +85°C
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature…………-65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.7V to 6V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TQFN10 (3x3mm) ...................50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com