Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9115DQT Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP9115DQT
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115DQT Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP9115DQT Datasheet HTML 3Page - Monolithic Power Systems MP9115DQT Datasheet HTML 4Page - Monolithic Power Systems MP9115DQT Datasheet HTML 5Page - Monolithic Power Systems MP9115DQT Datasheet HTML 6Page - Monolithic Power Systems MP9115DQT Datasheet HTML 7Page - Monolithic Power Systems MP9115DQT Datasheet HTML 8Page - Monolithic Power Systems MP9115DQT Datasheet HTML 9Page - Monolithic Power Systems MP9115DQT Datasheet HTML 10Page - Monolithic Power Systems MP9115DQT Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
10
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PC Board Layout
The high current paths (GND, PVIN and Lx)
should be placed very close to the device with
short, direct and wide traces. Input capacitors
should be placed as close as possible to the
respective PVIN and GND pins. The external
feedback resistors shall be placed next to the FB
pins. Keep the switching nodes Lx short and
away
from
the
feedback
network.
GND
Top Layer
Bottom Layer
Figure 3— PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com