Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9151
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9151 Datasheet HTML 7Page - Monolithic Power Systems MP9151 Datasheet HTML 8Page - Monolithic Power Systems MP9151 Datasheet HTML 9Page - Monolithic Power Systems MP9151 Datasheet HTML 10Page - Monolithic Power Systems MP9151 Datasheet HTML 11Page - Monolithic Power Systems MP9151 Datasheet HTML 12Page - Monolithic Power Systems MP9151 Datasheet HTML 13Page - Monolithic Power Systems MP9151 Datasheet HTML 14Page - Monolithic Power Systems MP9151 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
11
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
External Soft-Start
The soft
start
time can
be
adjusted by
connecting a capacitor from this pin to ground.
When the soft-start period starts, an internal
8
μA current source begins charging the
external capacitor. During soft-start, the voltage
on the soft-start capacitor is connected to the
non-inverting input of the error amplifier. The
soft-start period lasts until the voltage on the
soft-start
capacitor
exceeds
the
reference
voltage of 0.795V. At this point the reference
voltage takes over at the no inverting error
amplifier input. The soft-start time can be
calculated as follows:
SS
SS
0.795V C (nF)
t (ms)
8A
If the output of the MP9151 is pre-biased to a
certain voltage during startup, the IC will disable
the switching of both high-side and low-side
switches until the voltage on the internal soft-
start capacitor exceeds the sensed output
voltage at the FB pin.
Power Save Mode for Light Load Condition
The
MP9151
has
AAM
(Advanced
Asynchronous Modulation) power save mode
for light load. The AAM voltage is set at 0.4V
internally. Under the heavy load condition, the
VCOMP is higher than VAAM. When clock goes
high, the high-side power MOSFET turns on
and remains on until VILsense reaches the value
set by the COMP voltage. The internal clock
resets every time when VCOMP is higher than
VAAM.
Under the light load condition, the value of
VCOMP is low. When VCOMP is less than VAAM and
VFB is less than VREF, VCOMP ramps up until it
exceeds VAAM, during this time, the internal
clock is blocked, thus the MP9151 skips some
pulses for PFM (Pulse Frequency Modulation)
mode and achieves the light load power save.
Figure 3: Simplified AAM Control Logic
When the load current is light, the inductor peak
current set internally is about 630mA and the
load current threshold exit AAM is about 0.3A
for VIN=12V, VOUT=3.3V, and L=2.2μH.
Over-Current-Protection
The MP9151 has hiccup over current limit when
the inductor current peak value exceeds the set
current limit threshold.
When output voltage drops below 70% of the
reference, and inductor current exceeds the
current limit at the meantime, MP9151 will be
hiccup. This is especially useful to ensure
system safety under fault condition.
The hiccup function is disabled during soft-start
duration.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
is higher than 150 C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 120 C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1 and C2 (Figure 4). If (VIN-VSW) is
more than 5V, U1 will regulate M1 to maintain a
5V BST voltage across C4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com