Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP9151
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP9151 Datasheet HTML 8Page - Monolithic Power Systems MP9151 Datasheet HTML 9Page - Monolithic Power Systems MP9151 Datasheet HTML 10Page - Monolithic Power Systems MP9151 Datasheet HTML 11Page - Monolithic Power Systems MP9151 Datasheet HTML 12Page - Monolithic Power Systems MP9151 Datasheet HTML 13Page - Monolithic Power Systems MP9151 Datasheet HTML 14Page - Monolithic Power Systems MP9151 Datasheet HTML 15Page - Monolithic Power Systems MP9151 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
12
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 4: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
The floating driver is not subject to this shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com