Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP9151GD
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP9151GD Datasheet HTML 10Page - Monolithic Power Systems MP9151GD Datasheet HTML 11Page - Monolithic Power Systems MP9151GD Datasheet HTML 12Page - Monolithic Power Systems MP9151GD Datasheet HTML 13Page - Monolithic Power Systems MP9151GD Datasheet HTML 14Page - Monolithic Power Systems MP9151GD Datasheet HTML 15Page - Monolithic Power Systems MP9151GD Datasheet HTML 16Page - Monolithic Power Systems MP9151GD Datasheet HTML 17Page - Monolithic Power Systems MP9151GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
14
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high
quality
ceramic
capacitor, i.e. 0.1μF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V
Selecting the Output Capacitor
The output capacitor (C2)
is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In
the
case
of
ceramic
capacitors,
the
impedance
at
the
switching
frequency
is
dominated by the capacitance. The output
voltage
ripple
is
mainly
caused
by
the
capacitance.
For
simplification,
the
output
voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP9151 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency
of
the
regulator,
the
applicable
conditions of external BST diode are:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the VCC pin to BST pin, as
shown in Figure 6.
Figure 6: Add Optional External Bootstrap Diode
to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1
μF.
PC Board Layout
This PCB board layout is referring to the
schematic in Figure 7.
Place the high-current paths (GND, IN and SW)
very close to the device with short, direct and
wide traces. The input decoupling capacitor
needs to be placed as close as possible to the
IN
and GND
pins. The VCC
decoupling
capacitor needs to be placed as close as
possible to the VCC pin and multiple VIAs
should be used on both the ground side of the
VCC decoupling capacitor and the GND pins to
connect to the inner and bottom ground plane.
Place the external feedback resistors next to
the FB pin. Keep the switching node SW short
and away from the feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com