Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9151GD
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9151GD Datasheet HTML 1Page - Monolithic Power Systems MP9151GD Datasheet HTML 2Page - Monolithic Power Systems MP9151GD Datasheet HTML 3Page - Monolithic Power Systems MP9151GD Datasheet HTML 4Page - Monolithic Power Systems MP9151GD Datasheet HTML 5Page - Monolithic Power Systems MP9151GD Datasheet HTML 6Page - Monolithic Power Systems MP9151GD Datasheet HTML 7Page - Monolithic Power Systems MP9151GD Datasheet HTML 8Page - Monolithic Power Systems MP9151GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP9151
20V, 4A Synchronous
Step-Down Coverter
MP9151 Rev. 1.0
www.MonolithicPower.com
1
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP9151 is a synchronous rectified step-
down switch mode converter with built in
internal power MOSFETs. It offers a very
compact solution to achieve 4A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP9151 has synchronous mode operation for
higher efficiency over output current load range.
Current mode operation provides fast transient
response and eases loop stabilization. Full
protection features include OCP and thermal
shut down.
The MP9151 requires a minimum number of
readily available standard external components
and is available in a space saving 2mm x 3mm
14-pin QFN package.
FEATURES
Wide 4.5V to 20V Operating Input Range
4A Output Current
Low Rds(ON) Internal Power MOSFETs
Programmable Switching Frequency from
300kHz to 1.6MHz
EN ON/OFF Control
Internal Power Save Mode
Power Good Indicator
External Soft Start
OCP and Thermal Shutdown
Available in 14-pin QFN2x3 Package
APPLICATIONS
DSL Modems
Cable Modems
Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP9151GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9151GD MPS-MP9151GD Datasheet
562Kb / 5P
20V, 4A 800kHz Synchronous Step-down Converter EV Board
More results

Similar Description - MP9151GD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2308 MPS-MP2308 Datasheet
587Kb / 15P
18V, 4A Synchronous Step-Down Coverter
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
21V, 3A 500kHz Synchronous Step-Down Coverter
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
logo
Monolithic Power System...
EV9151-D-00A MPS-EV9151-D-00A Datasheet
562Kb / 5P
20V, 4A 800kHz Synchronous Step-down Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com