Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD-P Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9151GD-P
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD-P Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9151GD-P Datasheet HTML 1Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 2Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 3Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 4Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 5Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 6Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 7Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 8Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
3
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25 C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
10
15
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1V
0.7
mA
HS Switch On Resistance
HSRDS-ON
60
mΩ
LS Switch On Resistance
LSRDS-ON
30
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or
12V
0
1
μA
Current Limit
ILIMIT
Duty=40%
6
7
A
Oscillator Frequency
FSW
Rset=17.8k
Ω
560
800
1040
kHz
Fold-back Frequency
FFB
VFB = 100mV
0.25
fSW
Maximum Duty Cycle
DMAX
VFB = 700mV,
fSW=800kHz
90
95
%
Minimum On Time
(6)
TON_MIN
40
ns
Feedback Voltage
VFB
779
795
811
mV
Feedback Current
IFB
VFB = 800mV
10
50
nA
EN Input Low Voltage
VILEN
0.9
1.12
1.3
V
EN Input High Voltage
VIHEN
1.3
1.55
1.9
V
EN pin pull-up Current
IEN
2
μA
Power Good Rising Threshold
PGH
FB
respect
to
the
regulation
90
%
Power Good Falling Threshold
PGL
80
%
Power Good Sink Current
Capability
VPGL
Sink 1mA
0.1
V
VIN Under Voltage Lockout
Threshold Rising
INUVVth
3.85
4.1
4.35
V
VIN
Under
Voltage
Lockout
Threshold Hysteresis
INUVHYS
850
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
Icc=5mA
1
%
Thermal Shutdown
(6)
TSD
150
°C
Thermal Shutdown Hysteresis
(6)
TSD-HYS
30
°C
Soft Start Current
ISS
8
μA
Note:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com