Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD-P Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9151GD-P
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD-P Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9151GD-P Datasheet HTML 9Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 10Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 11Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 12Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 13Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 14Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 15Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 16Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
13
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation
capacitor
(see
Typical
Application on page 1). Choose R1 to be
around 10k
Ω. R2 is then given by:
OUT
R1
R2
V
1
0.795V
The T-type network is highly recommended
when VOUT is low, as Figure 5 shows.
Figure 5: T-type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT
(V)
R1 (k
Ω)
R2 (k
Ω)
RT
(k
Ω)
Cff
(pF)
L
(
μH)
1
2.61
(1%)
10 (1%)
47
33
1
1.2
5.1 (1%)
10 (1%)
39
33
1
1.8
10 (1%)
7.87 (1%)
5.1
56
1.5
2.5
10 (1%)
4.64 (1%)
5.1
56
1.5
3.3
10 (1%)
3.16 (1%)
0
56
2.2
5
10 (1%)
1.91 (1%)
0
56
2.2
Selecting the Inductor
A 1µH to 22µH inductor with a DC current rating
of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
15m
Ω. For most designs, the inductance value
can be derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f
Where
ΔI
L is the inductor ripple current.
Choose inductor current to be approximately
30%
of
the
maximum
load
current.
The
maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Setting the Switching Frequency
An external resistor, RFREQ, from the FREQ pin
to GND sets the MP9151 oscillating frequency
from 300kHz to 1.6MHz. The value of RFREQ can
be calculated from:
FREQ
1.1
s
28000
R
(k )
f (kHz)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
For simplification, choose the input capacitor
whose RMS current rating greater than half of
the maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com