Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2F200 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # A2F200
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 47Page - Microsemi Corporation A2F200 Datasheet HTML 48Page - Microsemi Corporation A2F200 Datasheet HTML 49Page - Microsemi Corporation A2F200 Datasheet HTML 50Page - Microsemi Corporation A2F200 Datasheet HTML 51Page - Microsemi Corporation A2F200 Datasheet HTML 52Page - Microsemi Corporation A2F200 Datasheet HTML 53Page - Microsemi Corporation A2F200 Datasheet HTML 54Page - Microsemi Corporation A2F200 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-39
3.3 V PCI, 3.3 V PCI-X
Peripheral Component Interface for 3.3 V standard specifies support for 33 MHz and 66 MHz PCI Bus
applications.
AC loadings are defined per the PCI/PCI-X specifications for the datapath; SoC Products Group loadings
for enable path characterization are described in Figure 2-10.
AC loadings are defined per PCI/PCI-X specifications for the datapath; SoC Products Group loading for
tristate is described in Table 2-60.
Timing Characteristics
Table 2-59 • Minimum and Maximum DC Input and Output Levels
3.3 V PCI/PCI-X
VIL
VIH
VOL
VOH IOL IOH
IOSL
IOSH
IIL IIH
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1
µA2 µA2
Per PCI specification
Per PCI curves
15 15
Notes:
1. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
2. Currents are measured at 85°C junction temperature.
Figure 2-10 • AC Loading
Test Point
Enable Path
R to VCCXXXXIOBX for t
LZ / tZL/ tZLS
10 pF for t
ZH / tZHS / tZL / tZLS
10 pF for tHZ / tLZ
R to GND for t
HZ / tZH / tZHS
R = 1 k
Test Point
Datapath
R = 25
R to VCCXXXXIOBX for t
DP (F)
R to GND for t
DP (R)
Table 2-60 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ.) (V)
CLOAD (pF)
0
3.3
0.285 * VCCxxxxIOBx for tDP(R)
0.615 * VCCxxxxIOBx for tDP(F)
–10
* Measuring point = Vtrip. See Table 2-22 on page 2-24 for a complete table of trip points.
Table 2-61 • 3.3 V PCI
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
Std.
0.60
2.54
0.04
0.82
0.39
2.58
1.88
3.06
3.39
4.64
3.94
ns
–1
0.50
2.11
0.03
0.68
0.32
2.15
1.57
2.55
2.82
3.87
3.28
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-62 • 3.3 V PCI-X
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
Std.
0.60
2.54
0.04
0.77
0.39
2.58
1.88
3.06
3.39
4.64
3.94
ns
–1
0.50
2.11
0.03
0.64
0.32
2.15
1.57
2.55
2.82
3.87
3.28
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com