Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2F200 Datasheet(PDF) 95 Page - Microsemi Corporation

Part # A2F200
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 91Page - Microsemi Corporation A2F200 Datasheet HTML 92Page - Microsemi Corporation A2F200 Datasheet HTML 93Page - Microsemi Corporation A2F200 Datasheet HTML 94Page - Microsemi Corporation A2F200 Datasheet HTML 95Page - Microsemi Corporation A2F200 Datasheet HTML 96Page - Microsemi Corporation A2F200 Datasheet HTML 97Page - Microsemi Corporation A2F200 Datasheet HTML 98Page - Microsemi Corporation A2F200 Datasheet HTML 99Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-83
Effective number of bits (ENOB)
EQ 11
GDEC[1:0] = 11
(±2.56 range), –1 dBFS input
12-bit mode 10 KHz
8.6
9.1
Bits
12-bit mode 100 KHz
8.6
9.1
Bits
10-bit mode 10 KHz
8.5
8.9
Bits
10-bit mode 100 KHz
8.5
8.9
Bits
8-bit mode 10 KHz
7.7
7.8
Bits
8-bit mode 100 KHz
7.7
7.8
Bits
Large-signal bandwidth
–1 dBFS input
1
MHz
Analog settling time
To 0.1% of final value (with ADC
load)
10
µs
Input resistance
1M
Power supply rejection ratio
DC (0–1 KHz)
38
40
dB
ABPS power supply current
requirements (not including ADC or
VAREFx)
ABPS_EN = 1 (operational mode)
VCC33A
123
134
µA
VCC33AP
89
94
µA
VCC15A
1
µA
Table 2-97 • ABPS Performance Specifications (continued)
Specification
Test Conditions
Min.
Typ.
Max.
Units
Note: *FS is full-scale error, defined as the difference between the actual value that triggers the transition to full-scale
and the ideal analog full-scale transition value. Full-scale error equals offset error plus gain error. Refer to the
Analog-to-Digital Converter chapter of the SmartFusion Programmable Analog User’s Guide for more
information.
ENOB
SINAD 1.76 dB
–
6.02 dB/bit
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com