Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9801
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9801 Datasheet HTML 4Page - Microchip Technology MCP9801 Datasheet HTML 5Page - Microchip Technology MCP9801 Datasheet HTML 6Page - Microchip Technology MCP9801 Datasheet HTML 7Page - Microchip Technology MCP9801 Datasheet HTML 8Page - Microchip Technology MCP9801 Datasheet HTML 9Page - Microchip Technology MCP9801 Datasheet HTML 10Page - Microchip Technology MCP9801 Datasheet HTML 11Page - Microchip Technology MCP9801 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP9800/1/2/3
DS21909B-page 8
 2004 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The MCP9800/1/2/3 family of temperature sensors
consists of a band-gap type temperature sensor, a
Σ∆
Analog-to-Digital Converter (ADC), user-programmable
registers and a 2-wire I2C/SMBus protocol compatible
serial interface.
FIGURE 4-1:
Functional Block Diagram.
4.1
Temperature Sensor
The MCP9800/1/2/3 uses the difference in the base-
emitter voltage of a transistor while its collector current
is changed from IC1 to IC2. With this method, the ∆VBE
depends only on the ratio of the two currents and the
ambient temperature, as shown in Equation 4-1.
EQUATION 4-1:
4.2
Σ∆ Analog-to-Digital Converter
A sigma-delta analog-to-digital converter is used to
convert
∆V
BE to a digital word that corresponds to the
transistor
temperature.
The
converter
has
an
adjustable resolution from 9-bits (at 30 ms conversion
time) to 12-bits (at 240 ms conversion time). Thus, it
allows the user to make trade-offs between resolution
and conversion time. Refer to Section 4.3.4 “Sensor
Configuration
Register
(CONFIG)”
and
Section 4.3.4.7 “
Σ∆ ADC Resolution” for details.
Resolution
9-Bit
10-Bit
11-Bit
12-Bit
Temperature
THYST
TSET
Register
Register
Register
Register
Pointer
I2C™/SMBus
Interface
Configuration
Register
Σ∆ ADC
Band-Gap
Temperature
Sensor
One-Shot
Shutdown
Fault Queue
Alert Polarity
Alert Comp/Int
∆V
BE
kT
q
------


ln IC
1 IC2
⁄
()
×
=
Where:
T = temperature in kelvin
∆V
BE = change in diode base-emitter
voltage
k = Boltzmann's constant
q = electron charge
IC1 and IC2 = currents with n:1 ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com