Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9801
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9801 Datasheet HTML 5Page - Microchip Technology MCP9801 Datasheet HTML 6Page - Microchip Technology MCP9801 Datasheet HTML 7Page - Microchip Technology MCP9801 Datasheet HTML 8Page - Microchip Technology MCP9801 Datasheet HTML 9Page - Microchip Technology MCP9801 Datasheet HTML 10Page - Microchip Technology MCP9801 Datasheet HTML 11Page - Microchip Technology MCP9801 Datasheet HTML 12Page - Microchip Technology MCP9801 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2004 Microchip Technology Inc.
DS21909B-page 9
MCP9800/1/2/3
4.3
Registers
The MCP9800/1/2/3 family has four registers that are
user-accessible. These registers are specified as the
ambient temperature register, the temperature limit-set
register, the temperature hysteresis register and device
configuration registers.
The ambient temperature register is a read-only
register and is used to access the ambient temperature
data. The data from the ADC is loaded in parallel in the
register. The temperature limit-set and temperature
hysteresis registers are read/write registers that
provide user-programmable temperature limits. If the
ambient temperature drifts beyond the programmed
limits, the MCP9800/1/2/3 outputs an alert signal using
the ALERT pin (refer to Section 4.3.4.3 “ALERT Out-
put Configuration”). The device configuration register
provides access for the user to configure the
MCP9800/1/2/3’s various features. These registers are
described in further detail in the following sections.
FIGURE 1:
Register Block Diagram.
The registers are accessed by sending register pointer
to the MCP9800/1/2/3 using the serial interface. This is
an 8-bit pointer. However, the two Least Significant bits
(LSb) are used as pointers and all other bits need to be
cleared <0>. This device has additional registers that
are reserved for test and calibration. If these registers
are accessed, the device may not perform according to
the specification. The pointer description is shown
below.
REGISTER 4-1:
REGISTER POINTER
ALERT Output
Control Logic
ALERT
Output
Resolution
Temperature
THYST
TSET
Register
Register
Register
Configuration
Register
One-Shot
Shutdown
Fault Queue
Alert Polarity
Alert Comp/Int
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
0
0
0
0
0
0
P1
P0
bit 7
bit 0
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
Pointer bits
00
=
Temperature Register
01
=
Configuration Register
10
=
Temperature Hysteresis Register
11
=
Temperature Limit-set Register
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com