Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 25Page - Microsemi Corporation AX2000 Datasheet HTML 26Page - Microsemi Corporation AX2000 Datasheet HTML 27Page - Microsemi Corporation AX2000 Datasheet HTML 28Page - Microsemi Corporation AX2000 Datasheet HTML 29Page - Microsemi Corporation AX2000 Datasheet HTML 30Page - Microsemi Corporation AX2000 Datasheet HTML 31Page - Microsemi Corporation AX2000 Datasheet HTML 32Page - Microsemi Corporation AX2000 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 15
Table 2-13 summarizes the different combinations of voltages and I/O standards that can be used
together in the same I/O bank.
Note that two I/O standards are compatible if:
•
Their VCCI values are identical.
•
Their VREF standards are identical (if applicable).
For example, if LVTTL 3.3 V (VREF= 1.0 V) is used, then the other available (i.e. compatible) I/O
standards in the same bank are LVTTL 3.3 V PCI/PCI-X, GTL+, and LVPECL.
Also note that when multiple I/O standards are used within a bank, the voltage tolerance will be limited to
the minimum tolerance of all I/O standards used in the bank.
Table 2-13 • Legal I/O Usage Matrix
I/O Standard
LVTTL 3.3 V (VREF=1.0 V)
–––
––
–
–
–
LVTTL 3.3 V(VREF=1.5 V)
–––
––
–
–
–
LVCMOS 2.5 V (VREF=1.0 V)
–
––
–
–
––
–
–
LVCMOS 2.5 V (VREF=1.25V)
–
––
–
–
–
–
–
–
LVCMOS1.8 V
–
–
––
–
–
–
–
–
–
–
LVCMOS1.5 V (VREF = 1.75 V) (JESD8-11)
–
–
–
––
–
––
–
–
3.3 V PCI/PCI-X (VREF = 1.0 V)
–––
––
–
–
–
3.3 V PCI/PCI-X (VREF= 1.5 V)
–––
––
–
–
–
GTL + (3.3 V)
–––
––
–
–
–
GTL + (2.5 V)
–
––
–
–
––
–
–
–
HSTL Class I
–
–
–
––
–
––
–
–
SSTL2 Class I & II
–
––
–
–
–
–
–
–
SSTL3 Class I & II
–––
––
–
–
–
LVDS (VREF = 1.0 V)
–
––
–
–
––
–
–
LVDS (VREF = 1.25 V)
–
––
–
–
–
–
–
–
LVPECL (VREF = 1.0 V)
–––
––
–
–
–
LVPECL (VREF = 1.5 V)
–––
––
–
–
–
Notes:
1. Note that GTL+ 2.5 V is not supported across the full military temperature range.
2. A "
✓" indicates whether standards can be used within a bank at the same time.
Examples:
a) LVTTL can be used with 3.3V PCI and GTL+ (3.3V), when VREF = 1.0V (GTL+ requirement).
b) LVTTL can be used with 3.3V PCI and SSTL3 Class I and II, when VREF = 1.5V (SSTL3 requirement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com