Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-08V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VLP-08V
Description  6.2mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLP-08V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VLP-08V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 4Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VL CONNECTOR
16.7
3.6 2.0
1.7
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG #
Insulation O.D.
(mm)
Phosphor bronze, tin-plated (reflow treatment)
*SVF-42T-P2.0
 
SVF-61T-P2.0
 
SVF-81T-P2.0
0.3∼1.25
0.5∼2.0
3.5
22∼16
20∼14
12
1.7∼3.2
1.9∼3.4
4.1
2,000
2,000
2,000
SVF-42T-P2.0
AP-K2N
MKS-L
−−
MK/SVF/M-42-20
−−
SVF-61T-P2.0
MKS-L
−−
MK/SVF/M-61-20
−−
APLMK SVF/M42-20
−−
APLMK SVF/M61-20
−−
SVF-81T-P2.0
AP-K2N
MKS-L
−−
MK/SVF/M-81-20
−−
APLMK SVF/M81-20
−−
Contact
RoHS compliance
Note: *Marked product is not TU
¨ V approved.
Contact
Crimping
machine Crimp applicator
Dies
Crimp applicator with dies
Contact
Crimping
machine Crimp applicator
Dies
Applicator
Crimp applicator with dies
Applicator
Material
PA 66, UL94V-0, natural (white)
Model No.
Circuits
Q'ty /
bag
2
3
4
6
8
12
VLP-02V
VLP-03V
VLP-04V
VLP-06V
VLP-08V
VLP-12V
500
500
500
500
200
100
19.6
6.2
6.2
13.4
13.4
6.2
19.6
6.2
25.8
6.2
6.2
38.2
Housing (Inner-housing lock)
(2 circuits)
(3 circuits)
(4 circuits)
(6 circuits)
(8 circuits)
(12 circuits)
RoHS compliance
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com