Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-08V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VLP-08V
Description  6.2mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLP-08V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VLP-08V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 4Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VL CONNECTOR
4
Circuits
Model No.
Dimensions (mm)
Q'ty /
box
AB
Material and Finish
Post: Copper-alloy, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, natural (white)
2
3
4
4(single-row)
6
8
12
B02P-VL
B03P-VL
B04P-VL
B04P-VL-VN-1.8
B06P-VL
B08P-VL
B12P-VL
6.2
12.4
6.2
18.6
12.4
18.6
31.0
13.4
19.6
13.4
26.2
19.6
26.2
38.6
100
100
100
100
50
50
40
B
A
1.8
6.2
1.6
4.84
2.0
8.2
11.2
B
1.8
6.2
A
1.6
8.28
15.0
18.0
1.33
5.0
2.0
8.2
11.2
1.54
6.2
B
A
B
1.6
8.28
15.0
18.0
1.8
6.2
A
(2, 3 circuits)
(4, 6 circuits)
(Single-row 4 circuits)
(8, 12 circuits)
RoHS compliance
Shrouded header



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com