Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF1P02HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTSF1P02HD
Description  SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF1P02HD Datasheet(HTML) 1 Page - Motorola, Inc

  MTSF1P02HD Datasheet HTML 1Page - Motorola, Inc MTSF1P02HD Datasheet HTML 2Page - Motorola, Inc MTSF1P02HD Datasheet HTML 3Page - Motorola, Inc MTSF1P02HD Datasheet HTML 4Page - Motorola, Inc MTSF1P02HD Datasheet HTML 5Page - Motorola, Inc MTSF1P02HD Datasheet HTML 6Page - Motorola, Inc MTSF1P02HD Datasheet HTML 7Page - Motorola, Inc MTSF1P02HD Datasheet HTML 8Page - Motorola, Inc MTSF1P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
Medium Power Surface Mount Products
TMOS Single P-Channel
Field Effect Transistor
Micro8
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process to
achieve lowest possible on–resistance per silicon area. They are
capable of withstanding high energy in the avalanche and commuta-
tion modes and the drain–to–source diode has a very low reverse
recovery time. Micro8
™ devices are designed for use in low voltage,
high speed switching applications where power efficiency is important.
Typical applications are dc–dc converters, and power management in
portable and battery powered products such as computers, printers,
cellular and cordless phones. They can also be used for low voltage
motor controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the guesswork
in designs where inductive loads are switched and offer additional
safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package — Saves Board Space
• Extremely Low Profile (<1.1mm) for thin applications such as
PCMCIA cards
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) *
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 8.0
Vdc
Drain Current — Continuous @ TA = 25°C (2)
Drain Current — Continuous @ TA = 70°C (2)
Drain Current — Pulsed Drain Current (3)
ID
ID
IDM
1.8
1.6
14.4
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
Linear Derating Factor (1)
PD
1.8
14.3
Watts
mW/
°C
Total Power Dissipation @ TA = 25°C (2)
Linear Derating Factor (2)
PD
0.78
6.25
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
THERMAL RESISTANCE
Rating
Symbol
Typ.
Max.
Unit
Thermal Resistance — Junction to Ambient, PCB Mount (1)
Thermal Resistance — Junction to Ambient, PCB Mount (2)
R
θJA
R
θJA
55
125
70
160
°C/W
* Negative signs for P–Channel device omitted for clarity.
(1) When mounted on 1 inch square FR–4 or G–10 board (VGS = 4.5 V, @ Steady State)
(2) When mounted on minimum recommended FR–4 or G–10 board (VGS = 4.5 V, @ Steady State)
(3) Repetitive rating; pulse width limited by maximum junction temperature.
DEVICE MARKING
ORDERING INFORMATION
AB
Device
Reel Size
Tape Width
Quantity
AB
MTSF1P02HDR2
13
″
12 mm embossed tape
4000 units
This document contains information on a new product. Specifications and information are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Micro8 is a registered trademark of International
Rectifier. Thermal Clad is a trademark of the Berquist Company.
REV 1
Order this document
by MTSF1P02HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
D
S
G
MTSF1P02HD
SINGLE TMOS
POWER FET
1.8 AMPERES
20 VOLTS
RDS(on) = 0.16 OHM
Motorola Preferred Device
™
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
CASE 846A–02, Style 1
Micro8


Similar Part No. - MTSF1P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTSF1P02HDR2 ONSEMI-MTSF1P02HDR2 Datasheet
287Kb / 12P
P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
More results

Similar Description - MTSF1P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20N06HD MOTOROLA-MTD20N06HD Datasheet
274Kb / 12P
TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
MTP20N06V MOTOROLA-MTP20N06V Datasheet
209Kb / 8P
TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP20N20E MOTOROLA-MTP20N20E Datasheet
203Kb / 8P
TMOS POWER FET 20 AMPERES 200 VOLTS RDS(on) = 0.16 OHM
MTP4N40E MOTOROLA-MTP4N40E Datasheet
239Kb / 8P
TMOS POWER FET 4.0 AMPERES 400 VOLTS RDS(on) = 1.8 OHM
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTW24N40E MOTOROLA-MTW24N40E Datasheet
174Kb / 8P
TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com