Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF1P02HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTSF1P02HD
Description  SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF1P02HD Datasheet(HTML) 3 Page - Motorola, Inc

  MTSF1P02HD Datasheet HTML 1Page - Motorola, Inc MTSF1P02HD Datasheet HTML 2Page - Motorola, Inc MTSF1P02HD Datasheet HTML 3Page - Motorola, Inc MTSF1P02HD Datasheet HTML 4Page - Motorola, Inc MTSF1P02HD Datasheet HTML 5Page - Motorola, Inc MTSF1P02HD Datasheet HTML 6Page - Motorola, Inc MTSF1P02HD Datasheet HTML 7Page - Motorola, Inc MTSF1P02HD Datasheet HTML 8Page - Motorola, Inc MTSF1P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTSF1P02HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
1.2
1.6
0.4
2
0.8
0
0.4
0.8
2
0
1.2
1.6
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
0.4
0.8
1.2
1.6
2
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
2
4
0
0.5
1
1.5
2
0.1
0.16
0.18
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Gate–To–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0
2.0
1
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = 100°C
25
°C
– 55
°C
TJ = 25°C
VGS = 0 V
VGS = 4.5 V
ID = 1.8 A
TJ = 25°C
4.5 V
VGS = 2.7 V
ID = 1.8 A
1.2
2.7 V
2 V
1.8 V
1.6 V
0.4
1.6
6
8
2.7 V
– 50
– 25
0
25
50
75
100
125
150
TJ = 125°C
2
0.14
0.5
0.8
1.0
1.5
0
4
8
12
20
1.7 V
0.6
0.5
0.4
0.3
0.2
0.1
0
0.12
10
100
°C
1.9 V
1.5 V
1.4 V
25
°C
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com