Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15GT120BRG Datasheet(PDF) 31 Page - Microsemi Corporation

Part # APT15GT120BRG
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button APT15GT120BRG Datasheet HTML 27Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 28Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 29Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 30Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 31Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 32Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 33Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 34Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31
CoolMOS
or
Fast IGBT
SP1
SP3
SP4
SP6-P
Renewable Energy Power Modules
MOSFET Power Modules
SP3F
Fast IGBT
“CoolMOSTM” is a trademark of Infineon Technologies AG”.
V
DSS
(V)
MOSFET
Type
R
DS (ON)
(m )
Shunt
Resistor (mR)
Package
NTC
100
MOS 5
9
4.4
SP1 or SP3
YES
APTML10UM09R004T1AG
APTML102UM09R004T3AG
200
18
10
YES
APTML20UM18R010T1AG
APTML202UM18R010T3AG
500
MOSFET Linear
90
20
YES
APTML50UM90R020T1AG
APTML502UM90R020T3AG
600
125
20
YES
APTML60U12R020T1AG
APTML602U12R020T3AG
1000
MOS 4 Linear
600
20
YES
APTML100U60R020T1AG
APTML1002U60R020T3AG
SINGLE AND DUAL LINEAR MOSFET
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Part Number
600
Mix Trench IGBT
& NPT IGBT
50
2.1/1.5
SP3
YES
APTGV50H60T3G
75
2.1/1.5
SP3
YES
APTGV75H60T3G
100
2.1/1.5
SP3
YES
APTGV100H60T3G
Mix Trench IGBT
& CoolMOS
50
83mR/1.5
SP1
YES
APTCV40H60CT1G
50
45mR/1.5
SP3
YES
APTCV50H60T3G
1200
Mix Trench IGBT
& NPT IGBT
25
3.2/1.7
SP3
YES
APTGV25H120T3G
50
3.2/1.7
SP3
YES
APTGV50H120T3G
FULL BRIDGE
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Special
Part Number
600
Mix Trench IGBT
& CoolMos
38
1.5/45mR
SP3F
YES
20A PFC SiC diode
APTCV60HM45BC20T3G
38
1.5/45mR
SP3F
YES
-
APTCV60HM45BT3G
29
1.5/70mR
SP3F
YES
-
APTCV60HM70BT3G
COOLMOS
29
70mR
SP3F
YES
-
APTC60HM70BT3G
Mix Trench IGBT
& NPT IGBT
50
3.2/1.7
SP3F
YES
-
APTGV50H60BT3G
PFC + BYPASS DIODE + FULL BRIDGE
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Special
Part Number
600
Mix Trench IGBT
& CoolMos
38
1.5/45mR
SP3F
YES
20A SiC antiparallel diode
APTCV60HM45RCT3G
38
1.5/45mR
SP3F
YES
-
APTCV60HM45RT3G
29
1.5/70mR
SP3F
YES
-
APTCV60HM70RT3G
COOLMOS
29
70mR
SP3F
YES
-
APTC60HM70RT3G
TRENCH 3
50
1.5
SP3F
YES
-
APTGT50H60RT3G
SECONDARY FAST RECTIFIER + FULL BRIDGE
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Special
Part Number
600
COOLMOS
38
45mR
SP1
N/A
10A PFC SiC diode
APTC60AM45BC1G
38
45mR
SP1
N/A
-
APTC60AM45B1G
27
83mR
SP1
N/A
10A PFC SiC diode
APTC60AM83BC1G
27
83mR
SP1
N/A
-
APTC60AM83B1G
PFC + BYPASS DIODE + PHASE LEG
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Part Number
600
Mix Trench IGBT
& NPT IGBT
50
2.1/1.5
SP4
-
APTGV50H60BG
100
2.1/1.5
SP6-P
YES
APTGV100H60BTPG
1200
Mix Trench IGBT
& NPT IGBT
25
3.2/1.7
SP4
-
APTGV25H120BG
50
3.2/1.7
SP6-P
YES
APTGV50H120BTPG
PFC + FULL BRIDGE
SP44
SP3F
SP66 PP
Pt N
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com