Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15GT120BRG Datasheet(PDF) 15 Page - Microsemi Corporation

Part # APT15GT120BRG
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button APT15GT120BRG Datasheet HTML 11Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 12Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 13Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 14Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 15Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 16Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 17Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 18Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
Datasheets available on www.microsemi.com
All Products RoHS Compliant EXCLUDING Reference Design Kits
High Frequency RF MOSFETs
The VRF family of RF MOSFETs are improved replacements for industry standard RF transistors. They provide improved ruggedness by
increasing the BV
DSS over 30% from the industry standard of 125 volts to 170V minimum. Low cost flangeless packages are another im-
provement that show Microsemi's dedication to optimizing performance, reducing cost and improving reliability. We will continue to offer
a greater number of product offerings in the new reduced-cost flangeless packages.
Reference Design Kits
DRF1200/CLASS-E, 13.56 MHz
DRF1200/CLASS-E, 27.12 MHz
The DRF1200/CLASS-E Single Ended RF Generator is a
reference design providing the designer the ability to
evaluate an 85% efficient 1000W CLASS-E RF Generator
DRF1300/CLASS-D, 13.56 MHz
The DRF1300/CLASS-D Push Pull RF Generator is a
reference design providing the designer the ability to
evaluate an 80% efficient 2000W CLASS-D RF Generator
All kits include: A fully populated board attached to an aluminum heat sink. An extensive application note explaining the theory of op-
eration with desginers recommendations for evaluation and board layout. All key waveforms are illustrated and described. A complete
parts list with recommended vendor part numbers and the board's Gerber file are provided for an easy transition into an end application.
DRF1400/CLASS-D, 13.56 MHz
The DRF1400/CLASS-D Half Bridge RF Generator is a
reference design providing the designer the ability to
evaluate an 85% efficient 2500W CLASS- D RF Generator
Pout
Freq.
Gain
V
DD/BVDSS
Coss
VSWR
JC
Case
Part
Min
Typ
Typ
Typ
Load
(OC/W)
Style
Number
(W)
(MHz)
(dB)
(%)
(V)
(pF)
150
175
13
45
28V/80V
375
30:1
0.60
M174
VRF141
30
175
16
50
50V/170V
40
30:1
1.52
M113
VRF148A
150
150
11
50
50V/170V
210
30:1
0.60
M174
VRF150
150
175
14
50
50V/170V
200
30:1
0.60
M174
VRF151
300
175
14
55
28/80
375
5:1
0.35
M208
VRF141G
300
175
16
55
50V/170V
200
5:1
0.35
M208
VRF151G
150
175
14
50
50V/130V
215
30:1
0.60
M174
VRF152
600
30
17
45
50V/170V
775
-
0.13
T2
VRF154FL
600
30
21
45
50V/170V
810
-
0.13
T2
VRF157FL
300
30
21
50
50V/170V
400
3:1
0.27
M177
VRF2933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com