Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640STPCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD6640STPCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640STPCB Datasheet(HTML) 5 Page - Analog Devices

  AD6640STPCB Datasheet HTML 1Page - Analog Devices AD6640STPCB Datasheet HTML 2Page - Analog Devices AD6640STPCB Datasheet HTML 3Page - Analog Devices AD6640STPCB Datasheet HTML 4Page - Analog Devices AD6640STPCB Datasheet HTML 5Page - Analog Devices AD6640STPCB Datasheet HTML 6Page - Analog Devices AD6640STPCB Datasheet HTML 7Page - Analog Devices AD6640STPCB Datasheet HTML 8Page - Analog Devices AD6640STPCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD6640
–5–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1, 2, 36, 37, 40, 41
DVCC
3.3 V/5 V Power Supply (Digital). Powers output stage only.
3
ENCODE
Encode Input. Data conversion initiated on rising edge.
4
ENCODE
Complement of ENCODE. Drive differentially with ENCODE or bypass to
ground for single-ended clock mode. See Encoding the AD6640 section.
5, 6, 13, 14, 17, 18, 21,
GND
Ground
22, 24, 34, 35, 38, 39
7
AIN
Analog Input
8
AIN
Complement of Analog Input
9VREF
Internal Voltage Reference. Nominally 2.4 V. Bypass to ground with
0.1
µF + 0.01 µF microwave chip capacitor.
10
C1
Internal Bias Point. Bypass to ground with 0.01
µF capacitor.
11, 12, 15, 16, 19, 20
AVCC
5 V Power Supply (Analog)
23
NC
No Connect
25
D0 (LSB)
Digital Output Bit (Least Significant Bit)
26–33
D1–D8
Digital Output Bits
42, 43
D9–D10
Digital Output Bits
44
D11 (MSB)*
Digital Output Bit (Most Significant Bit)
*Output coded as twos complement.
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
12 13 14 15 16 17 18 19 20 21 22
PIN 1
TOP VIEW
(Not to Scale)
D8
D7
D6
D5
D4
D3
D2
AD6640
DVCC
DVCC
ENCODE
ENCODE
GND
GND
AIN
NC = NO CONNECT
VREF
C1
AVCC
D1
D0 (LSB)
GND
NC
AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com