Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640STPCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD6640STPCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640STPCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6640STPCB Datasheet HTML 6Page - Analog Devices AD6640STPCB Datasheet HTML 7Page - Analog Devices AD6640STPCB Datasheet HTML 8Page - Analog Devices AD6640STPCB Datasheet HTML 9Page - Analog Devices AD6640STPCB Datasheet HTML 10Page - Analog Devices AD6640STPCB Datasheet HTML 11Page - Analog Devices AD6640STPCB Datasheet HTML 12Page - Analog Devices AD6640STPCB Datasheet HTML 13Page - Analog Devices AD6640STPCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD6640
–10–
REV. A
dc
0
–80
–120
–40
–100
–20
–60
ENCODE = 65MSPS
AIN = 19.5MHz @ –36dBFS
NO DITHER
6.5
13.0
19.5
26.0
32.5
FREQUENCY – MHz
TPC 13. 16K FFT without Dither
ANALOG INPUT POWER LEVEL – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 65MSPS
AIN = 19.5MHz
NO DITHER
SFDR = 80dB
REFERENCE LINE
TPC 14. SFDR without Dither
0
–80
–120
–40
–100
–20
–60
ENCODE = 50MSPS
AIN = 65.5MHz, 68.5MHz
NO DITHER
0
–90
–120
–30
–60
50
75
55
60
70
FREQUENCY – MHz
65
ALIASED
SIGNALS
ANALOG IF
FILTER MASK
TPC 15. IF Sampling at 70 MHz without Dither
0
–80
–120
–40
–100
–20
–60
ENCODE = 65MSPS
AIN = 19.5MHz @ –36dBFS
DITHER = –32.5dBm
dc
6.5
13.0
19.5
26.0
32.5
FREQUENCY – MHz
TPC 16. 16K FFT with Dither
ANALOG INPUT POWER LEVEL – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 65MSPS
AIN = 19.5MHz
DITHER = –32.5dBm
SFDR = 80dB
REFERENCE LINE
TPC 17. SFDR with Dither
50
75
55
60
65
70
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
ENCODE = 50MSPS
AIN = 65.5MHz, 68.5MHz
DITHER = –32.5dBm
–60
–90
–120
–30
0
ANALOG IF
FILTER MASK
ALIASED
SIGNALS
TPC 18. IF Sampling at 70 MHz with Dither



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com