Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1302 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMP1302
Description  Switch and Attenuator Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1302 Datasheet(HTML) 1 Page - Alpha Industries

  SMP1302 Datasheet HTML 1Page - Alpha Industries SMP1302 Datasheet HTML 2Page - Alpha Industries SMP1302 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Switch and Attenuator
Plastic Packaged PIN Diodes
SMP1302 Series
Features
s Low Distortion Design
s Frequency Range from HF to > 2 GHz
s Designed for Base Station and Handset
Applications
Description
The SMP1302 series of plastic packaged, surface
mountable, low capacitance (0.3 pF) silicon PIN diodes
are designed for high volume switch and attenuator
applications from 10 MHz to beyond 2 GHz. These diodes
are designed for use in low distortion PI and TEE
attenuators with low drive current (maximum resistance
at 1 mA is 10
Ω) commonly used in TV distribution and
cellular base station applications. The nominal 50
µm
I region width combined with a maximum resistance of
3
Ω at 10 mA, make these diodes useful in large signal
switch applications. Available as single and dual diodes
in a selection of plastic packages including SOT-23,
SOD-323,
small
footprint
SC-79
and
miniature
SC-70. Available in a SOT-5 (SMP1302-027) package as
a four diode array designed for insertion in the commonly
used 4 diode PI attenuator circuit.
Characteristic
Value
Reverse Voltage (VR)
200 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1C
Absolute Maximum Ratings
Single
Common
Common
Series
Single
PI
Single
Anode
Cathode
Pair
Marking: PF1
Marking: PF9
Marking: PF3
Marking: PF2
Marking: PFM
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SOT-5
SC-79
o
o SMP1302-001
o
o SMP1302-003
o
o SMP1302-004
o
o SMP1302-005
o
o SMP1302-011
o
o SMP1302-027
o
o SMP1302-079
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.7 nH
SC-70
SC-70
SC-70
o
o SMP1302-073
o
o SMP1302-074
o
o SMP1302-075
LS = 1.4 nH
LS = 1.4 nH
LS = 1.4 nH
o Available through distribution.


Similar Part No. - SMP1302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-001 SKYWORKS-SMP1302-001 Datasheet
1Mb / 11P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-001LF SKYWORKS-SMP1302-001LF Datasheet
1Mb / 11P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-003 SKYWORKS-SMP1302-003 Datasheet
1Mb / 11P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-003LF SKYWORKS-SMP1302-003LF Datasheet
1Mb / 14P
SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
More results

Similar Description - SMP1302

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302-074LF SKYWORKS-SMP1302-074LF Datasheet
1Mb / 14P
SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
Switch and Attenuator Plastic Packaged PIN Diode
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com