Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LP Datasheet(PDF) 6 Page - Analog Devices

Part # AD7225LP
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7225LP Datasheet HTML 2Page - Analog Devices AD7225LP Datasheet HTML 3Page - Analog Devices AD7225LP Datasheet HTML 4Page - Analog Devices AD7225LP Datasheet HTML 5Page - Analog Devices AD7225LP Datasheet HTML 6Page - Analog Devices AD7225LP Datasheet HTML 7Page - Analog Devices AD7225LP Datasheet HTML 8Page - Analog Devices AD7225LP Datasheet HTML 9Page - Analog Devices AD7225LP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7225
Rev. C | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUTB 1
VOUTA 2
VSS 3
VREFB 4
VOUTC
24
VOUTD
23
VDD
22
VREFC
21
VREFA 5
VREFD
20
AGND
6
A0
19
DGND
7
A1
18
LDAC
8
WR
17
DB7
9
DB0
16
DB6 10
DB1
15
DB5 11
DB2
14
DB4 12
DB3
13
AD7225
TOP VIEW
(Not to Scale)
1
28
27
26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC = NO CONNECT
VREFB
VREFA
AGND
NC
DGND
LDAC
DB7
VREFC
VREFD
A0
NC
A1
WR
DB0
PIN 1
INDENTFIER
12
13
14
15
16
17
18
AD7225
TOP VIEW
(Not to Scale)
Figure 2. PDIP, SOIC, CERDIP, and SSOP
Figure 3. PLCC
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
PDIP, SOIC,
CERDIP, SSOP
PLCC
1
2
VOUTB
DAC Channel B Voltage Output.
2
3
VOUTA
DAC Channel A Voltage Output.
3
4
VSS
Negative Power Supply Connection.
4
5
VREFB
Reference Voltage Connection for DAC Channel B.
5
6
VREFA
Reference Voltage Connection for DAC Channel A.
6
7
AGND
Analog Ground Reference Connection.
7
9
DGND
Digital Ground Reference Connection.
8
10
LDAC
Active Low Load DAC Signal. DAC register data is latched on the rising edge of LDAC.
9
11
DB7
Data Bit 7 (Most Significant Data Bit).
10
12
DB6
Data Bit 6.
11
13
DB5
Data Bit 5.
12
14
DB4
Data Bit 4.
13
16
DB3
Data Bit 3.
14
17
DB2
Data Bit 2.
15
18
DB1
Data Bit 1.
16
19
DB0
Data Bit 0 (Least Significant Data Bit).
17
20
WR
Active Low Data Write Signal. Input register data is latched on the rising edge of WR.
18
21
A1
DAC Address Select Pin.
19
23
A0
DAC Address Select Pin.
20
24
VREFD
Reference Voltage Connection for DAC Channel D.
21
25
VREFC
Reference Voltage Connection for DAC Channel C.
22
26
VDD
Positive Power Supply Connection.
23
27
VOUTD
DAC Channel D Voltage Output.
24
28
VOUTC
DAC Channel C Voltage Output.
N/A
1, 8, 15, 22
NC
No Internal Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com