Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LP Datasheet(PDF) 13 Page - Analog Devices

Part # AD7225LP
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LP Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7225LP Datasheet HTML 9Page - Analog Devices AD7225LP Datasheet HTML 10Page - Analog Devices AD7225LP Datasheet HTML 11Page - Analog Devices AD7225LP Datasheet HTML 12Page - Analog Devices AD7225LP Datasheet HTML 13Page - Analog Devices AD7225LP Datasheet HTML 14Page - Analog Devices AD7225LP Datasheet HTML 15Page - Analog Devices AD7225LP Datasheet HTML 16Page - Analog Devices AD7225LP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7225
Rev. C | Page 13 of 24
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for each channel of the
AD7225, with the output voltage having the same positive
polarity as VREFx. The AD7225 can be operated single supply
(VSS = AGND) or with positive/negative supplies (see the Op
Amp Section, which outlines the advantages of having negative
VSS). Connections for the unipolar output operation are shown
in Figure 16. The voltage at any of the reference inputs must
never be negative with respect to DGND. Failure to observe this
precaution may cause parasitic transistor action and possible
device destruction. The code table for unipolar output
operation is shown in Table 7.
Note,
(
)
( )
=
=
−
256
1
2
1
8
REF
REF
V
V
LSB
VREFA VREFB VREFC VREFD
VDD
VSS
AGND
DGND
VOUTA
DAC A
VOUTB
DAC B
VOUTC
DAC C
VOUTD
DAC D
DB7
(MSB)
DB0
(LSB)
A1
A2
WR
LDAC
AD7225
Figure 16. Unipolar Output Circuit
Table 7. Unipolar Code Table
DAC Latch Contents
Analog Output
MSB
LSB
1111
1111
( )
256
255
REF
V
+
1000
0001
( )
256
129
REF
V
+
1000
0000
( )
2
256
128
REF
REF
V
V
+
=
+
0111
1111
( )
256
127
REF
V
+
0000
0001
( )
256
1
REF
V
+
0000
0000
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com