Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LRZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7225LRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7225LRZ Datasheet HTML 3Page - Analog Devices AD7225LRZ Datasheet HTML 4Page - Analog Devices AD7225LRZ Datasheet HTML 5Page - Analog Devices AD7225LRZ Datasheet HTML 6Page - Analog Devices AD7225LRZ Datasheet HTML 7Page - Analog Devices AD7225LRZ Datasheet HTML 8Page - Analog Devices AD7225LRZ Datasheet HTML 9Page - Analog Devices AD7225LRZ Datasheet HTML 10Page - Analog Devices AD7225LRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7225
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDD = 15 V, VSS = −5 V, unless otherwise noted.
1.0
–1.0
–0.5
0
0.5
0
32
64
96
128
160
192
224
INPUT CODE
VREFx = 10V
Figure 4. Channel-to-Channel Matching
1.0
–1.0
–0.5
0
0.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
VREF (V)
VDD = 5V
VDD = 12V
VDD = 15V
Figure 5. Relative Accuracy vs. VREF
0.50
–0.50
–0.25
0
0.25
0
1
2
3
4
5
6
7
8
9
10
11
12
13
VREF (V)
VDD = 5V
VDD = 12V
VDD = 15V
Figure 6. Differential Nonlinearity vs. VREF
8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
IDD
ISS
Figure 7. Power Supply Current vs. Temperature
5
–5
–4
–3
–2
–1
0
1
2
3
4
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VOUTA
VOUTB
VOUTC
VOUTD
Figure 8. Zero Code Error vs. Temperature
100
90
10
0%
1ms/DIV
300µV
Figure 9. Broadband Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com