Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LRZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7225LRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LRZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7225LRZ Datasheet HTML 16Page - Analog Devices AD7225LRZ Datasheet HTML 17Page - Analog Devices AD7225LRZ Datasheet HTML 18Page - Analog Devices AD7225LRZ Datasheet HTML 19Page - Analog Devices AD7225LRZ Datasheet HTML 20Page - Analog Devices AD7225LRZ Datasheet HTML 21Page - Analog Devices AD7225LRZ Datasheet HTML 22Page - Analog Devices AD7225LRZ Datasheet HTML 23Page - Analog Devices AD7225LRZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD7225
Rev. C | Page 23 of 24
COMPLIANT TO JEDEC STANDARDS MO-150-AG
24
13
12
1
8.50
8.20
7.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
Figure 34. 24-Lead Shrink Small Outline Package [SSOP]
(RS-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Total Unadjusted Error
Package Description
Package Option
AD7225BQ
−40°C to +85°C
±2 LSB
24-Lead CERDIP
Q-24-1
AD7225BRS
−40°C to +85°C
±2 LSB
24-Lead SSOP
RS-24
AD7225BRS-REEL
−40°C to +85°C
±2 LSB
24-Lead SSOP
RS-24
AD7225BRSZ
−40°C to +85°C
±2 LSB
24-Lead SSOP
RS-24
AD7225CRS
−40°C to +85°C
±1 LSB
24-Lead SSOP
RS-24
AD7225CRS-REEL
−40°C to +85°C
±1 LSB
24-Lead SSOP
RS-24
AD7225CRSZ
−40°C to +85°C
±1 LSB
24-Lead SSOP
RS-24
AD7225CRSZ-RL
−40°C to +85°C
±1 LSB
24-Lead SSOP
RS-24
AD7225KN
−40°C to +85°C
±2 LSB
24-Lead PDIP
N-24-1
AD7225KNZ
−40°C to +85°C
±2 LSB
24-Lead PDIP
N-24-1
AD7225KP
−40°C to +85°C
±2 LSB
28-Lead PLCC
P-28
AD7225KP-REEL
−40°C to +85°C
±2 LSB
28-Lead PLCC
P-28
AD7225KPZ
−40°C to +85°C
±2 LSB
28-Lead PLCC
P-28
AD7225KR
−40°C to +85°C
±2 LSB
24-Lead SOIC_W
RW-24
AD7225KR-REEL
−40°C to +85°C
±2 LSB
24-Lead SOIC_W
RW-24
AD7225KRZ
−40°C to +85°C
±2 LSB
24-Lead SOIC_W
RW-24
AD7225KRZ-REEL
−40°C to +85°C
±2 LSB
24-Lead SOIC_W
RW-24
AD7225LN
−40°C to +85°C
±1 LSB
24-Lead PDIP
N-24-1
AD7225LNZ
−40°C to +85°C
±1 LSB
24-Lead PDIP
N-24-1
AD7225LP
−40°C to +85°C
±1 LSB
28-Lead PLCC
P-28
AD7225LP-REEL
−40°C to +85°C
±1 LSB
28-Lead PLCC
P-28
AD7225LPZ
−40°C to +85°C
±1 LSB
28-Lead PLCC
P-28
AD7225LPZ-REEL
−40°C to +85°C
±1 LSB
28-Lead PLCC
P-28
AD7225LR
−40°C to +85°C
±1 LSB
24-Lead SOIC_W
RW-24
AD7225LR-REEL
−40°C to +85°C
±1 LSB
24-Lead SOIC_W
RW-24
AD7225LRZ
−40°C to +85°C
±1 LSB
24-Lead SOIC_W
RW-24
AD7225LRZ-REEL
−40°C to +85°C
±1 LSB
24-Lead SOIC_W
RW-24
1
To order MIL-STD-883 processed parts, add /883B to part number. Contact your local sales office for military data sheet.
2
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com