Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7667 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7667
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7667 Datasheet HTML 6Page - Analog Devices AD7667 Datasheet HTML 7Page - Analog Devices AD7667 Datasheet HTML 8Page - Analog Devices AD7667 Datasheet HTML 9Page - Analog Devices AD7667 Datasheet HTML 10Page - Analog Devices AD7667 Datasheet HTML 11Page - Analog Devices AD7667 Datasheet HTML 12Page - Analog Devices AD7667 Datasheet HTML 13Page - Analog Devices AD7667 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7622
Rev. 0 | Page 10 of 28
Pin
No.
Mnemonic
Type1
Description
31
RD
DI
Read Data. When CS and RD are both low, the interface parallel or serial output bus is enabled.
32
CS
DI
Chip Select. When CS and RD are both low, the interface parallel or serial output bus is enabled.
CS is also used to gate the external clock in slave serial mode.
33
RESET
DI
Reset Input. When high, resets the AD7622. Current conversion, if any, is aborted. Falling edge of
RESET enables the calibration mode indicated by pulsing BUSY high. Refer to the RESET section.
If not used, this pin can be tied to DGND.
34
PD
DI
Power-Down Input. When high, power downs the ADC. Power consumption is reduced and
conversions are inhibited after the current one is completed.
35
CNVST
DI
Conversion Start. A falling edge on CNVST puts the internal sample-and-hold into the hold state
and initiates a conversion.
37
REF
AI/O
Reference Output/Input.
When PDREF/PDBUF = low, the internal reference and buffer are enabled producing 2.048 V on this pin.
When PDREF/PDBUF = high, the internal reference and buffer are disabled allowing an externally
supplied voltage reference up to AVDD volts. Decoupling is required with or without the internal
reference and buffer. Refer to the Voltage Reference Input section.
38
REFGND
AI
Reference Input Analog Ground.
39
IN−
AI
Differential Negative Analog Input.
40
NC
No Connect.
43
IN+
AI
Differential Positive Analog Input.
45
TEMP
AO
Temperature Sensor Analog Output. Normally, 278 mV @ 25°C with a temperature coefficient of
1 mV/°C. This pin can be used to measure the temperature of the AD7622. See the
Temperature Sensor section.
46
REFBUFIN
AI/O
Internal Reference Output/Reference Buffer Input.
When PDREF/PDBUF = low, the internal reference and buffer are enabled producing the 1.2 V (typical)
band gap output on this pin, which needs external decoupling. The internal fixed gain reference
buffer uses this to produce 2.048 V on the REF pin.
When using an external reference with the internal reference buffer (PDBUF = low, PDREF = high),
applying 1.2 V on this pin produces 2.048 V on the REF pin. Refer to the Voltage Reference Input section.
47
PDREF
DI
Internal Reference Power-Down Input.
When low, the internal reference is enabled.
When high, the internal reference is powered down and an external reference must been used.
48
PDBUF
DI
Internal Reference Buffer Power-Down Input.
When low, the buffer is enabled (must be low when using internal reference).
When high, the buffer is powered-down.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power.
2 With an SCLK period ≥ (2 × t32). With an SCLK period < (2 × t32), SDOUT is valid on the next rising edge with INVSCLK = low and next falling edge with INVSCLK = high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com