Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7667 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7667
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7667 Datasheet HTML 16Page - Analog Devices AD7667 Datasheet HTML 17Page - Analog Devices AD7667 Datasheet HTML 18Page - Analog Devices AD7667 Datasheet HTML 19Page - Analog Devices AD7667 Datasheet HTML 20Page - Analog Devices AD7667 Datasheet HTML 21Page - Analog Devices AD7667 Datasheet HTML 22Page - Analog Devices AD7667 Datasheet HTML 23Page - Analog Devices AD7667 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7622
Rev. 0 | Page 20 of 28
Temperature Sensor
The TEMP pin measures the temperature of the AD7622. To
improve the calibration accuracy over the temperature range,
the output of the TEMP pin is applied to one of the inputs of
the analog switch (such as, ADG779), and the ADC itself is
used to measure its own temperature. This configuration is
shown in Figure 29.
ADG779
AD8021
CC
ANALOG INPUT
(UNIPOLAR)
AD7622
IN+
TEMPERATURE
SENSOR
TEMP
Figure 29. Use of the Temperature Sensor
POWER SUPPLY
The AD7622 uses three sets of power supply pins: an analog
2.5 V supply AVDD, a digital 2.5 V core supply DVDD, and a
digital input/output interface supply OVDD. The OVDD supply
allows direct interface with any logic working between 2.3 V
and 5.25 V. To reduce the number of supplies needed, the digital
core (DVDD) can be supplied through a simple RC filter from
the analog supply, as shown in Figure 24.
Power Sequencing
The AD7622 is independent of power supply sequencing and
thus free from supply induced voltage latch-up. In addition, it is
very insensitive to power supply variations over a wide
frequency range, as shown in Figure 30.
65.0
45.0
1
10000
FREQUENCY (kHz)
10
100
1000
47.5
50.0
52.5
55.0
57.5
60.0
62.5
EXT REF
INT REF
Figure 30. PSRR vs. Frequency
Power-Up
At power-up, or when returning to operational mode from the
power-down mode (PD = high), the AD7622 engages an
initialization process. During this time, the first 128 conversions
should be ignored or the RESET input could be pulsed to
engage a faster initialization process. Refer to the Digital
Interface section for RESET and timing details.
A simple power-on reset circuit, as shown in Figure 24, can be
used to minimize the digital interface. As OVDD powers up, the
capacitor is shorted and brings RESET high; it is then charged
returning RESET to low. However, this circuit only works when
powering up the AD7622 because the power-down mode
(PD = high) does not power down any of the supplies and as a
result, RESET is low.
It should be noted that the digital interface remains active even
during the acquisition phase. To reduce the operating digital
supply currents even further, drive the digital inputs close to
the power rails (that is, OVDD and OGND).
CONVERSION CONTROL
The AD7622 is controlled by the CNVST input. A falling edge
on CNVST is all that is necessary to initiate a conversion.
Detailed timing diagrams of the conversion process are shown
in Figure 31. Once initiated, it cannot be restarted or aborted,
even by the power-down input, PD, until the conversion is
complete. The CNVST signal operates independently of CS and
RD signals.
BUSY
MODE
CONVERT
ACQUIRE
ACQUIRE
CONVERT
CNVST
t1
t2
t4
t3
t5
t6
t7
t8
Figure 31. Basic Conversion Timing
For optimal performance, the rising edge of CNVST should not
occur after the maximum CNVST low time, t1, or until the end
of conversion.
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges and levels with minimum
overshoot and undershoot or ringing.
The CNVST trace should be shielded with ground and a low
value serial resistor (for example, 50 Ω) termination should be
added close to the output of the component that drives this line.
In addition, a 50 pF capacitor is recommended to further reduce
the effects of overshoot and undershoot as shown in Figure 24.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This can be achieved by using a dedicated
oscillator for CNVST generation, or by clocking CNVST with a
high frequency, low jitter clock, as shown in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com