Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R71 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8123ACPZ-R71
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R71 Datasheet(HTML) 5 Page - Analog Devices

  AD8123ACPZ-R71 Datasheet HTML 1Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 2Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8123
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
11 V
Power Dissipation
See Figure 3
Input Voltage (Any Input)
VS− − 0.3 V to VS+ + 0.3 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered in a circuit board in still air.
Table 3. Thermal Resistance with the Underside Pad
Connected to the Plane
Package Type/PCB Type
θJA
Unit
40-Lead LFCSP/4-Layer
29
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the AD8123 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit can change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the AD8123. Exceeding a junction temperature
of 175°C for an extended time can result in changes in the
silicon devices, potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The power dissipation due to each load
current is calculated by multiplying the load current by the
voltage difference between the associated power supply and the
output voltage. The total power dissipation due to load currents
is then obtained by taking the sum of the individual power
dissipations. RMS output voltages must be used when dealing
with ac signals.
Airflow reduces θJA. In addition, more metal directly in contact
with the package leads from metal traces, through holes, ground,
and power planes reduces the θJA. The exposed paddle on the
underside of the package must be soldered to a pad on the PCB
surface that is thermally connected to a solid plane (usually the
ground plane) to achieve the specified θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 40-lead LFCSP
(29°C/W) on a JEDEC standard 4-layer board with the underside
paddle soldered to a pad that is thermally connected to a PCB
plane. θJA values are approximations.
0
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (°C)
1
2
3
4
5
6
7
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com