Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8123ACPZ-R71
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8123ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8123ACPZ-R71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8123
Rev. A | Page 8 of 16
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
50
100
150
200
250
300
350
400
450
500
TIME (ns)
150m
300m
50m
Figure 11. Pulse Response for Various Cable Lengths (2 MHz)
10
100
1000
10000
0m
150m
300m
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 12. Output Voltage Noise vs. Frequency for Various Cable Length
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
VGAIN = 0V, VPEAK = 0V, VPOLE = 0V
VGAIN = 1.85V, VPEAK = 1.65V, VPOLE = 1.75V
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 13. CMRR vs. Frequency
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
012345678
9
10
50m
150m
300m
TIME (µs)
Figure 14. Pulse Response for Various Cable Lengths (100 kHz)
5
10
15
20
25
0
30
25
50
75
100 125 150 175 200 225 250 275 300
CABLE LENGTH (meters)
Figure 15. Integrated Output Voltage Noise vs. Cable Length
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 0V, VPEAK = 0V, VPOLE = 0V
VGAIN = 1.85V, VPEAK = 1.65V, VPOLE = 1.75V
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
Figure 16. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com