Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFP50 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CFP50
Description  The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFP50 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CFP50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFP50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CFP50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Foamtips™ #130
Foamtips™ #140
Product
Number
Package
Count
Swab Length
Head
Material
Head
Width/Length
Handle
Material
Handle
Thickness
CF3050
50 Swabs
6.00"
(15.4 cm)
100 ppi Open Cell Foam
0.25" x 0.75"
(6.3 mm x 19.0 mm)
Polypropylene
0.13" x 0.13"
(3.3 mm x 3.3 mm)
Product
Number
Package
Count
Swab Length
Head
Material
Head
Width/Length
Handle
Material
Handle
Thickness
CF4050
50 Swabs
2.87"
(7.3 cm)
100 ppi Open Cell Foam
0.19" x 0.50"
(4.8 mm x 12.7 mm)
Polypropylene
0.10" x 0.10"
(2.7 mm x 2.7 mm)
© Copyright 2006 ITW Chemtronics
Privacy | Disclaimer | Contact Us | Feedback | Sitemap | Admin
Adobe® Reader® is required to open PDF files.
Page 3 of 3
Chemtronics Swabs and Applicators
29/06/2006
http://www.chemtronics.com/products/product.asp?id=378



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com