Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFP50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFP50
Description  The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFP50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFP50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFP50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CFP50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Europe
Electronics
Foamtips™
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
l Precision cleaning swabs with 100 ppi polyurethane open cell foam head
l Purest medical grade foam
l Foamtips™ Pro swab (CFP50) has a blue scrubber side and a soft absorbent side
l Available in a variety of head sizes and shapes with various handle lengths
Foamtips™ Pro
Product
Number
Package
Count
Swab Length
Head
Material
Head
Width/Length
Handle
Material
Handle
Thickness
CFP50
50 Swabs
6.75"
(17.1 cm)
White Side:
100 ppi Open Cell Foam
Blue Side:
75 ppi Closed Cell Foam
White Side:
0.44" x 0.75"
(11.1 mm x 19.1 mm)
Blue Side:
0.28" x 0.69"
(7.1 mm x 17.5 mm)
Polypropylene
0.20" x 0.13"
(4.8 mm x 3.3 mm)
Page 1 of 3
Chemtronics Swabs and Applicators
29/06/2006
http://www.chemtronics.com/products/product.asp?id=378


Similar Part No. - CFP50

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0201TB COPAL-CFP-0201TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0202TB COPAL-CFP-0202TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0211TB COPAL-CFP-0211TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0212TB COPAL-CFP-0212TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
More results

Similar Description - CFP50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Glenair, Inc.
187-021 GLENAIR-187-021 Datasheet
191Kb / 1P
Fiber Optic Cleaning Swab
187-045 GLENAIR-187-045 Datasheet
192Kb / 1P
Fiber Optic Cleaning Swab
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
Largest variety of colors materials and sizes in the industry
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
EC12D ALPS-EC12D Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
A wide selection of sizes is available
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
Telecom and wide variety of electronic equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com