Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LP Datasheet(PDF) 21 Page - Analog Devices

Part # AD7870LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LP Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7870LP Datasheet HTML 17Page - Analog Devices AD7870LP Datasheet HTML 18Page - Analog Devices AD7870LP Datasheet HTML 19Page - Analog Devices AD7870LP Datasheet HTML 20Page - Analog Devices AD7870LP Datasheet HTML 21Page - Analog Devices AD7870LP Datasheet HTML 22Page - Analog Devices AD7870LP Datasheet HTML 23Page - Analog Devices AD7870LP Datasheet HTML 24Page - Analog Devices AD7870LP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 21 of 2
8
CONVST
12/8/CLK
2kΩ
+5V
–5V
4.7kΩ
4.7kΩ
CLKR
FSR
DR
SCLK
SSTRB
SDATA
ADSP-2101/
ADSP-2102
TIMER
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD7870/
AD7875/
AD78761
TMS32020 Serial Interface
Figure 28 shows a serial interface between the AD7870/
AD7875/AD7876 and the TMS32020. The AD7870/AD7875/
AD7876 is configured for continuous clock operation. Note
that the ADC will not interface correctly to the TMS32020 if the
ADC is configured for a noncontinuous clock. Data is clocked
into the data receive register (DRR) of the TMS32020 during
conversion. As with the previous interfaces, when a 16-bit word
is received by the TMS32020 it generates an internal interrupt
to read the data from the DRR.
CONVST
12/8/CLK
2kΩ
5V
–5V
4.7kΩ
4.7kΩ
CLKR
FSR
DR
SCLK
SSTRB
SDATA
TMS32020
TIMER
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD7870/
AD7875/
AD78761
Figure 29. ADSP-2101/ADSP-2102 Serial Interface
STANDALONE OPERATION
The AD7870/AD7875/AD7876 can be used in its Mode 2,
parallel interface mode for standalone operation. In this case,
conversion is initiated with a pulse to the ADC CS input. This
pulse must be longer than the conversion time of the ADC. The
BUSY output is used to drive the RD input. Data is latched from
the ADC DB0–DB11 outputs to an external latch on the rising
edge of BUSY.
CS
tCS1
1
tCS > t16 + tCONVERT.
2ADDITIONAL PINS OMITTED FOR CLARITY.
BUSY
DB11
RD
DB0
EN
LATCH
AD7870/
AD7875/
AD78762
Figure 28. TMS32020 Serial Interface
ADSP-2101/ADSP-2102 Serial Interface
Figure 29 shows a serial interface between the AD7870/
AD7875/AD7876 and the ADSP-2101/ADSP-2102. The ADC
is configured for continuous clock operation. Data is clocked
into the serial port register of the ADSP-2101/ADSP-2102
during conversion. As with the previous interfaces, when a 16-
bit data word is received by the ADSP-2101/ADSP-2102 an
internal microprocessor interrupt is generated and the data is
read from the serial port register.
Figure 30. Stand-Alone Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com